Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP27N60K Datasheet (PDF) - International Rectifier

IRFP27N60K Datasheet PDF - International Rectifier
Part # IRFP27N60K
Download  IRFP27N60K Download
File Size   91.43 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)typ.=180mohm, Id=27A)

IRFP27N60K Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP27N60K Datasheet PDF - International Rectifier

Part # IRFP27N60K
Download  IRFP27N60K Click to download

File Size   91.43 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)typ.=180mohm, Id=27A)

IRFP27N60K Datasheet (HTML) - International Rectifier


IRFP27N60K Product details

HEXFET® Power MOSFET



Benefits

 Low Gate Charge Qg results in Simple Drive Requirement

 Improved Gate, Avalanche and Dynamic dv/dt Ruggedness

 Fully Characterized Capacitance and Avalanche Voltage and Current

 Enhanced Body Diode dv/dt Capability



Applications

 Hard Switching Primary or PFC Switch

 Switch Mode Power Supply (SMPS)

 Uninterruptible Power Supply

 High Speed Power Switching

 Motor Drive




Similar Part No. - IRFP27N60K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP27N60K VISHAY-IRFP27N60K Datasheet
156Kb / 8P
Power MOSFET
12-Jun-08
IRFP27N60K VISHAY-IRFP27N60K Datasheet
191Kb / 9P
Power MOSFET
21-Mar-11
logo
Inchange Semiconductor ...
IRFP27N60K ISC-IRFP27N60K Datasheet
445Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP27N60K VISHAY-IRFP27N60K Datasheet
214Kb / 11P
Power MOSFET
21-Mar-11
IRFP27N60K VISHAY-IRFP27N60K Datasheet
211Kb / 11P
Power MOSFET
24-Jan-2022
More results


Similar Description - IRFP27N60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRFB18N50K IRF-IRFB18N50K Datasheet
83Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFRU4105 IRF-IRFRU4105 Datasheet
144Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
IRFP26N60LPBF IRF-IRFP26N60LPBF Datasheet
206Kb / 9P
HEXFET Power MOSFET ( VDSS = 600V , RDS(on)typ. = 210m廓 , Trr typ. = 170ns , ID = 26A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com