Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T8302 Datasheet (PDF) - Taiwan Memory Technology

T8302 Datasheet PDF - Taiwan Memory Technology
Part # T8302
Download  T8302 Download
File Size   124.19 Kbytes
Page   12 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description PWM Control 1A Step-Down Converter

T8302 Datasheet (PDF)

Go To PDF Page Download Datasheet
T8302 Datasheet PDF - Taiwan Memory Technology

Part # T8302
Download  T8302 Click to download

File Size   124.19 Kbytes
Page   12 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description PWM Control 1A Step-Down Converter

T8302 Datasheet (HTML) - Taiwan Memory Technology


T8302 Product details

GENERAL DESCRIPTION
The T8302 is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input supply between 6V and 60V and provides an externally adjustable output current of up to 1A. Depending upon supply voltage and external components, this can provide up to 58 watts of output power. The T8302 includes the output switch and a highside output current sensing circuit, which uses an external resistor to set the nominal average output current. Output current can be adjusted above, or below the set value, by applying an external control signal to the ADJ pin. The ADJ pin will accept either a DC voltage or a PWM waveform. Depending upon the control frequency, this will provide either a continuous or a gated output current. The PWM filter components are contained within the chip. The T8302 is available in SOT-89 and SOP-8 Lead-free package.

FEATURES
• Wide Input Voltage Range: 6V to 60V
• LED Output Current Up to 1A
• Soft-start
• Single pin on/off and brightness control using DC voltage or PWM
• High efficiency (up to 97%)
• Up to 1MHz switching frequency
• Typical 5% output current accuracy
• SOT-89 and SOP-8 Lead-free Package

Applications
• LED/Display Back Light Driver
• Lightings
• Portable Communication Devices
• Handheld Electronics




Similar Part No. - T8302

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8302 AGERE-T8302 Datasheet
7Mb / 248P
T8302 Internet Protocol Telephone Advanced RISC Machine (ARM) Ethernet QoS Using IEEE 802.1q
July 2001
logo
Molex Electronics Ltd.
T8302A MOLEX11-T8302A Datasheet
26Kb / 2P
Terminator Die
T8302B MOLEX11-T8302B Datasheet
26Kb / 2P
Terminator Die
T8302F MOLEX11-T8302F Datasheet
24Kb / 1P
Terminator Die
More results


Similar Description - T8302

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com