Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ46 Datasheet (PDF) - International Rectifier

IRFZ46 Datasheet PDF - International Rectifier
Part # IRFZ46
Download  IRFZ46 Download
File Size   85.31 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)

IRFZ46 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ46 Datasheet PDF - International Rectifier

Part # IRFZ46
Download  IRFZ46 Click to download

File Size   85.31 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)

IRFZ46 Datasheet (HTML) - International Rectifier


IRFZ46 Product details

Description
Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

• Advanced Process Technology
• Ultra Low On-Resistance
• Dynamic dv/dt Rating
• 175°C Operating Temperature
• Fast Switching
• Fully Avalanche Rated




Similar Part No. - IRFZ46

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ46 IRF-IRFZ46 Datasheet
165Kb / 6P
Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A)
logo
New Jersey Semi-Conduct...
IRFZ46 NJSEMI-IRFZ46 Datasheet
110Kb / 2P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFZ46 VISHAY-IRFZ46 Datasheet
963Kb / 8P
Power MOSFET
02-Feb-09
logo
International Rectifier
IRFZ46L IRF-IRFZ46L Datasheet
360Kb / 10P
Advanced Process Technology
IRFZ46N IRF-IRFZ46N Datasheet
190Kb / 9P
HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
More results


Similar Description - IRFZ46

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFP044N IRF-IRFP044N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ44VS IRF-IRFZ44VS Datasheet
145Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com