Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ46 Datasheet (PDF) - International Rectifier

IRFZ46 Datasheet PDF - International Rectifier
Part # IRFZ46
Download  IRFZ46 Download
File Size   165.64 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A)

IRFZ46 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ46 Datasheet PDF - International Rectifier

Part # IRFZ46
Download  IRFZ46 Click to download

File Size   165.64 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A)

IRFZ46 Datasheet (HTML) - International Rectifier


IRFZ46 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

● Dynamic dv/dt Rating
● 175 °C Operating Temperature
● Fast Switching
● Ease of Paralleling
● Simple Drive Requirements




Similar Part No. - IRFZ46

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ46 IRF-IRFZ46 Datasheet
85Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)
logo
New Jersey Semi-Conduct...
IRFZ46 NJSEMI-IRFZ46 Datasheet
110Kb / 2P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFZ46 VISHAY-IRFZ46 Datasheet
963Kb / 8P
Power MOSFET
02-Feb-09
logo
International Rectifier
IRFZ46L IRF-IRFZ46L Datasheet
360Kb / 10P
Advanced Process Technology
IRFZ46N IRF-IRFZ46N Datasheet
85Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)
More results


Similar Description - IRFZ46

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N4905 IRF-IRF5N4905 Datasheet
119Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.024ohm, Id=-55A*)
IRF7103 IRF-IRF7103 Datasheet
169Kb / 9P
Power MOSFET(Vdss=50V, Rds(on)=0.130ohm, Id=3.0A)
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ48R IRF-IRFZ48R Datasheet
136Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=50*A)
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRLZ44S IRF-IRLZ44S Datasheet
282Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
logo
TRANSYS Electronics Lim...
IRF840 TEL-IRF840 Datasheet
152Kb / 1P
Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com