Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6845 Datasheet (PDF) - International Rectifier

2N6845 Datasheet PDF - International Rectifier
Part # 2N6845
Download  2N6845 Download
File Size   232.35 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)

2N6845 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6845 Datasheet PDF - International Rectifier

Part # 2N6845
Download  2N6845 Click to download

File Size   232.35 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)

2N6845 Datasheet (HTML) - International Rectifier


2N6845 Product details

REPETITIVE AVALANCHE AND dv/dt RATED

HEXFET® TRANSISTORS THRU-HOLE (100V, P-CHANNEL)



The HEXFET® technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry and unique processing of this latest “State of the Art” design achieves: very low on-state resistance combined with high transconductance.

The HEXFET transistors also feature all of the well established advantages of MOSFETs such as volt

age control, very fast switching, ease of parelleling and temperature stability of the electrical parameters.

They are well suited for applications such as switch ing power supplies, motor controls, inverters, chop pers, audio amplifiers and high energy pulse circuits.



Features:

 Repetitive Avalanche Ratings

 Dynamic dv/dt Rating

 Hermetically Sealed

 Simple Drive Requirements

 Ease of Paralleling




Similar Part No. - 2N6845

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6845 SEME-LAB-2N6845 Datasheet
42Kb / 2P
P-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
New Jersey Semi-Conduct...
2N6845 NJSEMI-2N6845 Datasheet
82Kb / 1P
P-CHANNEL ENHANCEMENT MOSFET
2N6845 NJSEMI-2N6845 Datasheet
94Kb / 2P
P-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Seme LAB
2N6845LCC4 SEME-LAB-2N6845LCC4 Datasheet
23Kb / 2P
P?밅HANNEL POWER MOSFET
More results


Similar Description - 2N6845

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9140CM IRF-IRFY9140CM Datasheet
271Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.2ohm, Id=-15.8A)
IRHM2C50SE IRF-IRHM2C50SE Datasheet
134Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
IRHN2C50SE IRF-IRHN2C50SE Datasheet
110Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6804 IRF-JANTX2N6804 Datasheet
237Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
JANTX2N6849 IRF-JANTX2N6849 Datasheet
133Kb / 7P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
JANTX2N6851 IRF-JANTX2N6851 Datasheet
282Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-4.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com