Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR200 Datasheet (PDF) - Lumins Inc.

STR200 Datasheet PDF - Lumins Inc.
Part # STR200
Download  STR200 Download
File Size   863.67 Kbytes
Page   2 Pages
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.
Description Standard 4/18 silver braided power cord.

STR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
STR200 Datasheet PDF - Lumins Inc.

Part # STR200
Download  STR200 Click to download

File Size   863.67 Kbytes
Page   2 Pages
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.
Description Standard 4/18 silver braided power cord.

STR200 Datasheet (HTML) - Lumins Inc.




Similar Part No. - STR200

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR2000 SANKEN-STR2000 Datasheet
40Kb / 3P
Switching Type(Chopper * Self Oscillation Type)
STR20000 SANKEN-STR20000 Datasheet
32Kb / 2P
Switching Type(Chopper Self Oscillation Type)
STR20005 SANKEN-STR20005 Datasheet
32Kb / 2P
Switching Type(Chopper Self Oscillation Type)
STR2005 SANKEN-STR2005 Datasheet
40Kb / 3P
Switching Type(Chopper * Self Oscillation Type)
More results


Similar Description - STR200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-C-22992 ETC-MIL-C-22992 Datasheet
229Kb / 6P
Braided Adapters
logo
Tripp Lite. All Rights ...
P002-002 TRIPPLITE-P002-002 Datasheet
474Kb / 3P
Standard Computer Power Cord, 12A, 16AWG
P004-002-13RA TRIPPLITE-P004-002-13RA Datasheet
476Kb / 3P
Standard Computer Power Extension Cord, 10A, 18AWG
P004-006 TRIPPLITE-P004-006 Datasheet
493Kb / 3P
Standard Computer Power Extension Cord, 10A,18AWG
P006-003 TRIPPLITE-P006-003 Datasheet
488Kb / 3P
Standard Computer Power Cord, 10A, 18AWG
P006-006 TRIPPLITE-P006-006 Datasheet
479Kb / 4P
Standard Computer Power Cord, 10A, 18AWG
P012-006 TRIPPLITE-P012-006 Datasheet
474Kb / 3P
Standard Laptop/Notebook Power Cord, 10A
logo
Molex Electronics Ltd.
1300900019 MOLEX11-1300900019 Datasheet
36Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m
1300910023 MOLEX11-1300910023 Datasheet
36Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com