Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3737 Datasheet (PDF) - NEC

UPD3737 Datasheet PDF - NEC
Part # UPD3737
Download  UPD3737 Download
File Size   193.51 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5150-BIT CCD LINEAR IMAGE SENSOR

UPD3737 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD3737 Datasheet PDF - NEC

Part # UPD3737
Download  UPD3737 Click to download

File Size   193.51 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5150-BIT CCD LINEAR IMAGE SENSOR

UPD3737 Datasheet (HTML) - NEC


UPD3737 Product details

5150-BIT CCD LINEAR IMAGE SENSOR

The µPD3737 is a 5150-bit high sensitivity CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical signal.
The µPD3737 has high speed CCD register, so it is suitable for high resolution scanners and facsimiles which scan high definition document at high speed.

FEATURES
• Valid photocell                    5150-bit
• Photocells pitch                   7 µm
• High response sensitivity Providing a response 4.3 times better than the existing equivalent NEC
                                           product (µPD3571) to the light from a daylight fluorescent lamp
• Peak response wavelength  550 nm (green)
• Resolution 16 dot/mm across the shorter side of an A3-size (297 × 420 mm) sheet,
                     24 dot/mm across the shorter side of an A4-size (210 × 297 mm) sheet
• Power supply                       +12 V
• Drive clock level                   CMOS output under 5V operation
• High speed scan                   252 µs/line
• Data rate                               20 MHz




Similar Part No. - UPD3737

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3737 RENESAS-UPD3737 Datasheet
296Kb / 22P
MOS INTEGRATED CIRCUIT
1994
More results


Similar Description - UPD3737

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
CCD LINEAR IMAGE SENSOR
logo
Sony Corporation
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
5150-pixel CCD Linear Sensor (B/W)
logo
NEC
UPD3571 NEC-UPD3571 Datasheet
225Kb / 10P
5000 BIT CCD LINEAR IMAGE SENSOR
UPD3573 NEC-UPD3573 Datasheet
223Kb / 9P
2048-BIT CCD LINEAR IMAGE SENSOR
UPD3574 NEC-UPD3574 Datasheet
205Kb / 9P
2592-BIT CCD LINEAR IMAGE SENSOR
logo
Panasonic Semiconductor
MN3611 PANASONIC-MN3611 Datasheet
357Kb / 5P
2160-Bit CCD Linear Image Sensor
logo
Renesas Technology Corp
S13158EJ4V0DS00 RENESAS-S13158EJ4V0DS00_15 Datasheet
291Kb / 22P
5150 PIXELS CCD LINEAR IMAGE SENSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com