Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1862D Datasheet (PDF) - KEC(Korea Electronics)

KTA1862D Datasheet PDF - KEC(Korea Electronics)
Part # KTA1862D
Download  KTA1862D Download
File Size   409.81 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)

KTA1862D Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1862D Datasheet PDF - KEC(Korea Electronics)

Part # KTA1862D
Download  KTA1862D Click to download

File Size   409.81 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)

KTA1862D Datasheet (HTML) - KEC(Korea Electronics)


KTA1862D Product details

HIGH VOLTAGE SWITCHING.
POWER SUPPLY SWITCHING FOR TELEPHONES.

FEATURES
• High Breakdown Voltage, Typically : BVCEO=-400V.
• Low Collector Saturation Voltage.
   : VCE(sat)=-0.5V(Max.) at (IC=0.5A)
• High Switching Speed, Typically
   : tf= 0.4μS at IC=-1A
• Wide Safe Operating Area (SOA)




Similar Part No. - KTA1862D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D_15 Datasheet
420Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTA1862D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1660 KEC-KTA1660 Datasheet
421Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING)
KTA1807D KEC-KTA1807D Datasheet
404Kb / 4P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
KTA2012E KEC-KTA2012E Datasheet
72Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
KTA2012V KEC-KTA2012V Datasheet
72Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
logo
Sanyo Semicon Device
CPH3148 SANYO-CPH3148 Datasheet
41Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SA2204 SANYO-2SA2204 Datasheet
44Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1101 SANYO-PCP1101 Datasheet
60Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1102 SANYO-PCP1102 Datasheet
59Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3151 SANYO-CPH3151 Datasheet
57Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3152 SANYO-CPH3152 Datasheet
58Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com