Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1807D Datasheet (PDF) - KEC(Korea Electronics)

KTA1807D Datasheet PDF - KEC(Korea Electronics)
Part # KTA1807D
Download  KTA1807D Download
File Size   404.06 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)

KTA1807D Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1807D Datasheet PDF - KEC(Korea Electronics)

Part # KTA1807D
Download  KTA1807D Click to download

File Size   404.06 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)

KTA1807D Datasheet (HTML) - KEC(Korea Electronics)


KTA1807D Product details

HIGH VOLTAGE SWITCHING.
POWER SUPPLY SWITCHING FOR TELEPHONES.

FEATURES
• High Voltage : VCEO=-600V.
• High Speed Switching Time. : tf 1.0 s (IC=-0.5A)
• Low Collector Emitter Saturation Voltage. : VCE(sat)=-0.28V (IC=-0.3A, IB=-60mA)
• Wide Safe Operating Area (SOA).




Similar Part No. - KTA1807D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
TRIPLE DIFFUSED PNP TRANSISTOR
More results


Similar Description - KTA1807D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D Datasheet
409Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
KTB1370 KEC-KTB1370 Datasheet
417Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH CURRENT SWITCHING, POWER AMPLIFIER)
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
KTC4521 KEC-KTC4521 Datasheet
366Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4521F KEC-KTC4521F Datasheet
382Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com