Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTB2234 Datasheet (PDF) - KEC(Korea Electronics)

KTB2234 Datasheet PDF - KEC(Korea Electronics)
Part # KTB2234
Download  KTB2234 Download
File Size   88.89 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE, POWER SWITCHING, POWER AMPLIFIER)

KTB2234 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTB2234 Datasheet PDF - KEC(Korea Electronics)

Part # KTB2234
Download  KTB2234 Click to download

File Size   88.89 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE, POWER SWITCHING, POWER AMPLIFIER)

KTB2234 Datasheet (HTML) - KEC(Korea Electronics)


KTB2234 Product details

MICRO MOTOR DRIVE, HAMMER DRIVE APPLICATIONS.
POWER SWITCHING APPLICATIONS.
POWER AMPLIFIER APPLICATION.

FEATURES
• High DC Current Gain : hFE=200(Min.) (VCE=-2V, IC=-1A)
• Low Saturation Voltage : VCE(sat)=-1.5V(Max.) (IC=-1A, IB=-1mA)
• Complementary to KTD2854.




Similar Part No. - KTB2234

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB2510 KEC-KTB2510 Datasheet
300Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER DARLINGTON)
KTB2510 KEC-KTB2510 Datasheet
345Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
KTB2510 ISC-KTB2510 Datasheet
153Kb / 2P
isc Silicon PNP Darlington Power Transistor
logo
KEC(Korea Electronics)
KTB2510 KEC-KTB2510_08 Datasheet
345Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
KTB2510 KEC-KTB2510_15 Datasheet
748Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTB2234

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457 Datasheet
155Kb / 4P
TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE , POWER SWITCHING, AMPLIFIER APPLICATIONS)
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1509 TOSHIBA-2SD1509 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1658 TOSHIBA-2SD1658 Datasheet
177Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1784 TOSHIBA-2SD1784 Datasheet
193Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2088 TOSHIBA-2SD2088 Datasheet
179Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2130 TOSHIBA-2SD2130 Datasheet
218Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2206 TOSHIBA-2SD2206 Datasheet
160Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2480 TOSHIBA-2SD2480 Datasheet
196Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
logo
KEC(Korea Electronics)
KTD2854 KEC-KTD2854 Datasheet
88Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (MICRI MOTOR DRIVE, HAMMER DRIVE, SWITCHING POWER AMPLIFIER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com