Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64AMC Datasheet (PDF) - NEC

UPD64AMC Datasheet PDF - NEC
Part # UPD64AMC
Download  UPD64AMC Download
File Size   399.15 Kbytes
Page   64 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION

UPD64AMC Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD64AMC Datasheet PDF - NEC

Part # UPD64AMC
Download  UPD64AMC Click to download

File Size   399.15 Kbytes
Page   64 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION

UPD64AMC Datasheet (HTML) - NEC


UPD64AMC Product details

DESCRIPTION

The µPD64A and 65 feature low-voltage 2.0 V operation, and incorporate a carrier generator for infrared remote control transmission, a standby release function through key entry, and a programmable timer, making them ideal for infrared remote control transmitters. A one-time PROM product, the µPD6P5 is also available for program evaluation or small-quantity production.



FEATURES

• Program memory (ROM)

• µPD64A: 1002 × 10 bits

• µPD65: 2026 × 10 bits

• Data memory (RAM): 32 × 4 bits

• On-chip carrier generator for infrared remote control

• 9-bit programmable timer: 1 channel

• Instruction execution time: 16 µs (when operating at fX = 4 MHz: ceramic oscillation)

• Stack levels: 1 (stack RAM is also used for data memory RF)

• I/O pins (KI/O): 8

• Input pins (KI): 4

• Sense input pin (S0, S2): 2

• S1/LED pin (I/O): 1 (when in output mode, this is the remote control transmission display pin.)

• Power supply voltage: VDD = 2.0 to 3.6 V

• Operating ambient temperature: TA = –40 to +85°C

• Oscillation frequency: fX = 2.4 to 8 MHz

• On-chip POC circuit



APPLICATIONS

Infrared remote control transmitters (for AV and household electric appliances)




Similar Part No. - UPD64AMC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD64AMC-XXX-5A4 RENESAS-UPD64AMC-XXX-5A4 Datasheet
417Kb / 66P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD64AMC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P4B NEC-UPD6P4B Datasheet
187Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com