Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64AMC Datasheet(PDF) 1 Page - NEC

Part # UPD64AMC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64AMC Datasheet(HTML) 1 Page - NEC

  UPD64AMC Datasheet HTML 1Page - NEC UPD64AMC Datasheet HTML 2Page - NEC UPD64AMC Datasheet HTML 3Page - NEC UPD64AMC Datasheet HTML 4Page - NEC UPD64AMC Datasheet HTML 5Page - NEC UPD64AMC Datasheet HTML 6Page - NEC UPD64AMC Datasheet HTML 7Page - NEC UPD64AMC Datasheet HTML 8Page - NEC UPD64AMC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
Equipped with low-voltage 2.0 V operation, a carrier generation circuit for infrared remote control transmission,
a standby release function through key entry, and a programmable timer, the
µPD64A and 65 are suitable for infrared
remote control transmitters.
For the
µPD64A and 65, we have made available the one-time PROM product µPD6P5 (under development)
for program evaluation or small-quantity production.
FEATURES
• Program memory (ROM)
•
µPD64A : 1002 × 10 bits
•
µPD65 : 2026 × 10 bits
• Data memory (RAM)
: 32
× 4 bits
• Built-in carrier generation circuit for infrared remote control
• 9-bit programmable timer
: 1 channel
• Command execution time
: 16
µs (when operating at fX = 4 MHz: ceramic oscillation)
• Stack level
: 1 level (Stack RAM is for data memory RF as well.)
• I/O pins (KI/O)
: 8 units
• Input pins (KI)
: 4 units
• Sense input pin (S0, S2)
: 2 units
•S1/LED pin (I/O)
: 1 unit (When in output mode, this is the remote control transmission display
pin.)
• Power supply voltage
: VDD = 2.0 to 3.6 V
• Operating ambient temperature : TA = –40 to +85
°C
• Oscillator frequency
: fX = 2.4 to 8 MHz
• POC circuit
APPLICATION
Infrared remote control transmitter (for AV and household electric appliances)
Unless otherwise specified, the
µPD65 is treated as the representative model throughout this document.
MOS INTEGRATED CIRCUIT
µPD64A, 65
Document No. U14380EJ2V0DS00 (2nd edition)
Date Published November 1999 N CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.
©
1999
DATA SHEET
The mark
shows major revised points.


Similar Part No. - UPD64AMC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD64AMC-XXX-5A4 RENESAS-UPD64AMC-XXX-5A4 Datasheet
417Kb / 66P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD64AMC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P4B NEC-UPD6P4B Datasheet
187Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com