Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64AMC Datasheet(PDF) 50 Page - NEC

Part # UPD64AMC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64AMC Datasheet(HTML) 50 Page - NEC

Back Button UPD64AMC Datasheet HTML 46Page - NEC UPD64AMC Datasheet HTML 47Page - NEC UPD64AMC Datasheet HTML 48Page - NEC UPD64AMC Datasheet HTML 49Page - NEC UPD64AMC Datasheet HTML 50Page - NEC UPD64AMC Datasheet HTML 51Page - NEC UPD64AMC Datasheet HTML 52Page - NEC UPD64AMC Datasheet HTML 53Page - NEC UPD64AMC Datasheet HTML 54Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
50
µPD64A, 65
Data Sheet U14380EJ2V0DS00
AC Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Command execution time
tCY
7.9
27
µs
KI, S0, S1, S2 high-level
tH
10
µs
width
When releasing STANDBY mode
In HALT mode
10
µs
In STOP mode
Note
µs
Note 10 + 52/fX + oscillation growth time
Remark tCY = 64/fX (fX: System clock oscillator frequency)
POC Circuit (TA = –40 to +85
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
POC-detected voltageNote
VPOC
1.85
2.0
V
Note Refers to the voltage with which the POC circuit cancels an internal reset. If VPOC < VDD, the internal reset
is released.
From the time of VPOC
≥ VDD until the internal reset takes effect, lag of up to 1 ms occurs. When the period
of VPOC
≥ VDD lasts less than 1 ms, the internal reset may not take effect.
System Clock Oscillation Circuit Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Oscillator frequency
fX
2.4
3.64
8.0
MHz
(ceramic resonator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com