Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64AMC Datasheet(PDF) 16 Page - NEC

Part # UPD64AMC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64AMC Datasheet(HTML) 16 Page - NEC

Back Button UPD64AMC Datasheet HTML 12Page - NEC UPD64AMC Datasheet HTML 13Page - NEC UPD64AMC Datasheet HTML 14Page - NEC UPD64AMC Datasheet HTML 15Page - NEC UPD64AMC Datasheet HTML 16Page - NEC UPD64AMC Datasheet HTML 17Page - NEC UPD64AMC Datasheet HTML 18Page - NEC UPD64AMC Datasheet HTML 19Page - NEC UPD64AMC Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
16
µPD64A, 65
Data Sheet U14380EJ2V0DS00
3.2 KI Port/Special Ports (P1)
3.2.1 KI port (P11: bits 4-7 of P1)
The KI port is to the 4-bit input port for key entry.
The pin state can be read.
Software can be used to set the availability of the pull-down resistor of the KI port in 4-bit units by means of bit
5 of the P4 register.
When reset, the pull-down resistor is connected.
Table 3-3. KI/Special Port Register (P1)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
KI3
KI2
KI1
KI0
S1/LED
S0
S2
Fixed to “1”
b1
: The state of the S2 pin is read (Read only).
b2
: In INPUT mode, state of the S0 pin is read (Read only).
In OFF mode, this bit is fixed to “1”.
b3
: The state of the S1/LED pin is read regardless of INPUT/OUTPUT mode (Read only).
b4-b7
: The state of the KI pin is read (Read only).
Caution In order to prevent malfunction, be sure to input a low level to more than one of pins KI0 to KI3
when POC is released due to supply voltage startup.
3.2.2 S0 port (bit 2 of P1)
The S0 port is an INPUT/OFF mode port.
The pin state can be read by setting this port to INPUT mode with bit 0 of the P4 register.
In INPUT mode, software can be used to set the availability of the pull-down resistor of the S0 and S1/LED port
in 2-bit units by means of bit 4 of the P4 register.
If INPUT mode is released (thus set to OFF mode), the pin becomes high-impedance but it also makes that the
through current does not flow internally. In OFF mode, “1” can be read regardless of the pin state.
When reset, it is set to OFF mode, thus becoming high-impedance.
3.2.3 S1/LED (bit 3 of P1)
The S1/LED port is an input/output port.
It uses bit 2 of the P4 register to set INPUT or OUTPUT mode. The pin state can be read in both INPUT mode
and OUTPUT mode.
When in INPUT mode, software can be used to set the availability of the pull-down resistor of the S0 and
S1/LED ports in 2-bit units by means of bit 4 of the P4 register.
When in OUTPUT mode, the pull-down resistor is automatically disconnected thus becoming the remote control
transmission display pin (refer to 4. TIMER).
When reset, it is placed in OUTPUT mode, and high level is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com