Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64AMC Datasheet(PDF) 49 Page - NEC

Part # UPD64AMC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64AMC Datasheet(HTML) 49 Page - NEC

Back Button UPD64AMC Datasheet HTML 45Page - NEC UPD64AMC Datasheet HTML 46Page - NEC UPD64AMC Datasheet HTML 47Page - NEC UPD64AMC Datasheet HTML 48Page - NEC UPD64AMC Datasheet HTML 49Page - NEC UPD64AMC Datasheet HTML 50Page - NEC UPD64AMC Datasheet HTML 51Page - NEC UPD64AMC Datasheet HTML 52Page - NEC UPD64AMC Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
49
µPD64A, 65
Data Sheet U14380EJ2V0DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIH1
S2
0.8 VDD
VDD
V
VIH2
KI/O
0.7 VDD
VDD
V
VIH3
KI, S0, S1
0.65 VDD
VDD
V
Low-level input voltage
VIL1
S2
0
0.2 VDD
V
VIL2
KI/O
0
0.3 VDD
V
VIL3
KI, S0, S1
0
0.15 VDD
V
High-level input
ILH1
KI
3
µA
leakage current
VI = VDD, pull-down resistor not incorporated
ILH2
S0, S1, S2
3
µA
VI = VDD, pull-down resistor not incorporated
Low-level input leakage
IUL1
KI
VI = 0 V
–3
µA
current
IUL2
KI/O
VI = 0 V
–3
µA
IUL3
S0, S1, S2 VI = 0 V
–3
µA
High-level output voltage
VOH1
REM, LED, KI/O
IOH = –0.3 mA
0.8 VDD
V
Low-level output voltage
VOL1
REM, LED
IOL = 0.3 mA
0.3
V
VOL2
KI/O
IOL = 15
µA
0.4
V
High-level output current
IOH1
REM
VDD = 3.0 V, VOH = 1.0 V
–5
–12
mA
IOH2
KI/O
VDD = 3.0 V, VOH = 2.2 V
–2.5
–7
mA
Low-level output current
IOL1
KI/O
VDD = 3.0 V, VOL = 0.4 V
30
70
µA
VDD = 3.0 V, VOL = 2.2 V
100
390
µA
Built-in pull-down resistor
R1
KI, S0, S1, S2
75
150
300
k
Ω
R2
KI/O
130
250
500
k
Ω
Data hold power supply
VDDOR
In STOP mode
0.9
3.6
V
voltage
Supply current
IDD1
OPERATING
fX = 8.0 MHz, VDD = 3 V
± 10 %
0.8
1.6
mA
mode
fX = 4.0 MHz, VDD = 3 V
± 10 %
0.7
1.4
mA
IDD2
HALT mode
fX = 8.0 MHz, VDD = 3 V
± 10 %
0.75
1.5
mA
fX = 4.0 MHz, VDD = 3 V
± 10 %
0.65
1.3
mA
IDD3
STOP mode
VDD = 3 V
± 10 %
1.9
9.0
µA
VDD = 3 V
± 10 %, TA = 25 °C
1.9
5.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com