Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64AMC Datasheet(PDF) 54 Page - NEC

Part # UPD64AMC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64AMC Datasheet(HTML) 54 Page - NEC

Back Button UPD64AMC Datasheet HTML 50Page - NEC UPD64AMC Datasheet HTML 51Page - NEC UPD64AMC Datasheet HTML 52Page - NEC UPD64AMC Datasheet HTML 53Page - NEC UPD64AMC Datasheet HTML 54Page - NEC UPD64AMC Datasheet HTML 55Page - NEC UPD64AMC Datasheet HTML 56Page - NEC UPD64AMC Datasheet HTML 57Page - NEC UPD64AMC Datasheet HTML 58Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
54
µPD64A, 65
Data Sheet U14380EJ2V0DS00
14. PACKAGE DRAWINGS
Remark The dimensions and materials of the ES model are the same as those of the mass production model.
NS
C
DM
M
P
L
U
T
G
F
E
B
K
J
detail of lead end
S
20
11
110
A
H
I
20 PIN PLASTIC SSOP (300 mil)
NOTE
S20MC-65-5A4-1
ITEM
MILLIMETERS
A
B
C
D
E
F
G
H
I
J
0.65 (T.P.)
1.3
±0.1
1.2
8.1
±0.2
0.475 MAX.
K
L
0.13
0.5
1.0
±0.2
6.1
±0.2
0.17
±0.03
M
0.10
0.24
0.1
±0.05
N
P
3
°
6.65
±0.15
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
+0.08
−0.07
+5°
−3°
0.25
T
0.6
±0.15
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com