Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD1413 Datasheet (PDF) - KEC(Korea Electronics)

KTD1413 Datasheet PDF - KEC(Korea Electronics)
Part # KTD1413
Download  KTD1413 Download
File Size   288.49 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVER, PULSE MOTOR DRIVER)

KTD1413 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1413 Datasheet PDF - KEC(Korea Electronics)

Part # KTD1413
Download  KTD1413 Click to download

File Size   288.49 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVER, PULSE MOTOR DRIVER)

KTD1413 Datasheet (HTML) - KEC(Korea Electronics)


KTD1413 Product details

HIGH POWER SWITCHING APPLICATIONS.
HAMMER DRIVER, PULSE MOTOR DRIVER APPLICATIONS.

FEATURES
• High DC Current Gain : hFE=2000(Min.) at VCE=2V, IC=3A.
• Low Saturation Voltage : VCE(sat)=1.5V(Max.) at IC=3A.




Similar Part No. - KTD1413

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1413 KEC-KTD1413 Datasheet
450Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Inchange Semiconductor ...
KTD1413 ISC-KTD1413 Datasheet
331Kb / 2P
Silicon NPN Power Transistor
logo
KEC(Korea Electronics)
KTD1413 KEC-KTD1413_07 Datasheet
450Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
KTD1413 KEC-KTD1413_15 Datasheet
450Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTD1413

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1508 TOSHIBA-2SD1508 Datasheet
202Kb / 4P
NPN EPITAXIAL TYPE (PULSE MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2129 TOSHIBA-2SD2129 Datasheet
201Kb / 4P
NPN TRIPLE DIFFUSE TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVER APPLICATIONS)
2SD2257 TOSHIBA-2SD2257 Datasheet
161Kb / 3P
NPN EPITAXIAL TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
logo
KEC(Korea Electronics)
KTB1423 KEC-KTB1423 Datasheet
273Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING HAMMER DRIVER, PULSE MOTOR DRIVER)
KTD1414 KEC-KTD1414 Datasheet
374Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
KTD1415 KEC-KTD1415 Datasheet
408Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVER, PULSE MOTOR DRIVER)
KTD2854 KEC-KTD2854 Datasheet
88Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (MICRI MOTOR DRIVE, HAMMER DRIVE, SWITCHING POWER AMPLIFIER)
KTD686 KEC-KTD686 Datasheet
307Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
TIP122 KEC-TIP122 Datasheet
224Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
TIP127 KEC-TIP127 Datasheet
222Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING HAMMER DRIVER, PULSE MOTOR DRIVER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com