Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet (PDF) - KEC(Korea Electronics)

TIP127 Datasheet PDF - KEC(Korea Electronics)
Part # TIP127
Download  TIP127 Download
File Size   222.88 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING HAMMER DRIVER, PULSE MOTOR DRIVER)

TIP127 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP127 Datasheet PDF - KEC(Korea Electronics)

Part # TIP127
Download  TIP127 Click to download

File Size   222.88 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING HAMMER DRIVER, PULSE MOTOR DRIVER)

TIP127 Datasheet (HTML) - KEC(Korea Electronics)


TIP127 Product details

SWITCHING APPLICATIONS.
HAMMER DRIVER, PULSE MOTOR DRIVER APPLICATIONS.

FEATURES
• High DC Current Gain : hFE=1000(Min.) at VCE=-3V, IC=-3A.
• High Collector Breakdown Voltage : VCEO=-120V(Min.)




Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP127 MOTOROLA-TIP127 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP127 POINN-TIP127 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP127 STMICROELECTRONICS-TIP127 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Wing Shing Computer Com...
TIP127 WINGS-TIP127 Datasheet
65Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results


Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
logo
Sanyo Semicon Device
FP208 SANYO-FP208 Datasheet
98Kb / 3P
PNP Epitaxial Planar Silicon Transistor Driver Applications
FP213 SANYO-FP213 Datasheet
88Kb / 3P
PNP Epitaxial Planar Silicon Transistor Motor Driver Applications
logo
KEC(Korea Electronics)
KTB1423 KEC-KTB1423 Datasheet
273Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING HAMMER DRIVER, PULSE MOTOR DRIVER)
KTB2234 KEC-KTB2234 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE, POWER SWITCHING, POWER AMPLIFIER)
KTD1413 KEC-KTD1413 Datasheet
288Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVER, PULSE MOTOR DRIVER)
KTD1414 KEC-KTD1414 Datasheet
374Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
KTD1415 KEC-KTD1415 Datasheet
408Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVER, PULSE MOTOR DRIVER)
KTD686 KEC-KTD686 Datasheet
307Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
TIP122 KEC-TIP122 Datasheet
224Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com