Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTB1423 Datasheet (PDF) - KEC(Korea Electronics)

KTB1423 Datasheet PDF - KEC(Korea Electronics)
Part # KTB1423
Download  KTB1423 Download
File Size   273.75 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING HAMMER DRIVER, PULSE MOTOR DRIVER)

KTB1423 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTB1423 Datasheet PDF - KEC(Korea Electronics)

Part # KTB1423
Download  KTB1423 Click to download

File Size   273.75 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING HAMMER DRIVER, PULSE MOTOR DRIVER)

KTB1423 Datasheet (HTML) - KEC(Korea Electronics)


KTB1423 Product details

SWITCHING APPLICATIONS.
HAMMER DRIVER, PULSE MOTOR DRIVER APPLICATIONS.

FEATURES
• High DC Current Gain : hFE=1000(Min.) at VCE=-3V, IC=-3A.
• High Collector Breakdown Voltage : VCEO=-120V (Min.)
• Complementary to KTD1413.




Similar Part No. - KTB1423

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1423 KEC-KTB1423 Datasheet
448Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
KTB1423 ISC-KTB1423 Datasheet
333Kb / 2P
Silicon PNP Power Transistor
logo
KEC(Korea Electronics)
KTB1423 KEC-KTB1423_07 Datasheet
448Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
KTB1423 KEC-KTB1423_15 Datasheet
448Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTB1423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
logo
Sanyo Semicon Device
FP208 SANYO-FP208 Datasheet
98Kb / 3P
PNP Epitaxial Planar Silicon Transistor Driver Applications
FP213 SANYO-FP213 Datasheet
88Kb / 3P
PNP Epitaxial Planar Silicon Transistor Motor Driver Applications
logo
KEC(Korea Electronics)
KTB2234 KEC-KTB2234 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE, POWER SWITCHING, POWER AMPLIFIER)
KTD1413 KEC-KTD1413 Datasheet
288Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVER, PULSE MOTOR DRIVER)
KTD1414 KEC-KTD1414 Datasheet
374Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
KTD1415 KEC-KTD1415 Datasheet
408Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVER, PULSE MOTOR DRIVER)
KTD686 KEC-KTD686 Datasheet
307Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
TIP122 KEC-TIP122 Datasheet
224Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
TIP127 KEC-TIP127 Datasheet
222Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING HAMMER DRIVER, PULSE MOTOR DRIVER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com