Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703034AGC Datasheet (PDF) - NEC

UPD703034AGC Datasheet PDF - NEC
Part # UPD703034AGC
Download  UPD703034AGC Download
File Size   356.33 Kbytes
Page   31 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703034AGC Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD703034AGC Datasheet PDF - NEC

Part # UPD703034AGC
Download  UPD703034AGC Click to download

File Size   356.33 Kbytes
Page   31 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703034AGC Datasheet (HTML) - NEC


UPD703034AGC Product details

DESCRIPTION
The µPD703034A, 703034AY, 703035A, 703035AY, 70F3035A, and 70F3035AY (V850/SB2) are 32-/16-bit single-chip microcontrollers of the V850 FamilyTM for AV equipment. 32-bit CPU, ROM, RAM, timer/counters, serial interfaces, A/D converter, DMA controller, and so on are integrated on a single chip.
The µPD70F3035A and 70F3035AY have flash memory in place of the internal mask ROM of the µPD703035A and 703035AY. Because flash memory allows the program to be written and erased electrically with the device mounted on the board, these products are ideal for the evaluation stages of system development, small-scale production, and rapid development of new products.

FEATURES
• Number of instructions: 74
• Minimum instruction execution time: 76.9 ns (@ internal 13 MHz operation)
• General-purpose registers: 32 bits × 32 registers
• Instruction set: Signed multiplication, saturation operations, 32-bit shift instructions, bit manipulation instructions, load/store instructions
• Memory space: 16 MB linear address space
• Internal memory ROM: 128 KB (µPD703034A, 703034AY: mask ROM)
                                 256 KB (µPD703035A, 703035AY: mask ROM)
                                 256 KB (µPD70F3035A, 70F3035AY: flash memory)
                    RAM: 12 KB (µPD703034A, 703034AY)
                            16 KB (µPD703035A, 703035AY, 70F3035A, 70F3035AY)
• Interrupt/exception: µPD703034A, 703035A, 70F3035A (external: 8, internal: 32 sources, exception: 1 source)
                             µPD703034AY, 703035AY, 70F3035AY (external: 8, internal: 33 sources, exception: 1 source)
• I/O lines Total: 83
• Timer/counters: 16-bit timer (2 channels: TM0, TM1)
                         8-bit timer (6 channels: TM2 to TM7)
• Watch timer: 1 channel
• Watchdog timer: 1 channel
• IEBus controller: 1 channel
• Serial interface
   • Asynchronous serial interface (UART0, UART1)
   • Clocked serial interface (CSI0 to CSI3)
   • 3-wire variable length serial interface (CSI4)
   • I2C bus interface (I2C0, I2C1) (µPD703034AY, 703035AY, 70F3035AY only)
• 10-bit resolution A/D converter: 12 channels
• DMA controller: 6 channels
• Real-time output port: 8 bits × 1 channel or 4 bits × 2 channels
• ROM correction: 4 places can be corrected
• Power-saving function: HALT/IDLE/STOP modes
• Packages: 100-pin plastic LQFP (fine pitch) (14 × 14)
                  100-pin plastic QFP (14 × 20)
• µPD70F3035A, 70F3035AY
   • Can be replaced with µPD703035A and 703035AY (internal mask ROM) in mass production

APPLICATIONS
• AV equipment (audio, car audio, VCR, TV, etc.)




Similar Part No. - UPD703034AGC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703034A RENESAS-UPD703034A Datasheet
610Kb / 54P
MOS INTEGRATED CIRCUIT
2000
UPD703034AY RENESAS-UPD703034AY Datasheet
610Kb / 54P
MOS INTEGRATED CIRCUIT
2000
More results


Similar Description - UPD703034AGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com