Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72042 Datasheet (PDF) - NEC

UPD72042 Datasheet PDF - NEC
Part # UPD72042
Download  UPD72042 Download
File Size   373.36 Kbytes
Page   92 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL

UPD72042 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD72042 Datasheet PDF - NEC

Part # UPD72042
Download  UPD72042 Click to download

File Size   373.36 Kbytes
Page   92 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL

UPD72042 Datasheet (HTML) - NEC


UPD72042 Product details

The µPD72042 is a microcomputer peripheral LSI device for IEBus protocol control.

The µPD72042 performs all the processing required for layers 1 and 2 of the IEBus. The devices incorporate large

transmission and reception buffers, allowing the microcomputer to perform IEBus operations without interruption.

They also contain an IEBus driver and receiver, allowing them to directly connected to the bus directly.



FEATURES

● Control of layers 1 and 2 of the IEBus protocol

   • Support of a multi-master scheme

   • Broadcast function

  • Two communication modes having different transmission speeds can be selected.



Transmission speed

Mode 0 Approx. 3.9 Kbps

Mode 1 Approx. 17 Kbps



● Built-in IEBus driver and receiver

● Transmission and reception buffers

   Transmission buffer : 33 bytes, FIFO

   Reception buffer : 40 bytes, FIFO (capable of holding more than one frame of reception data.)

● Microcomputer interface

Three-/two-wire serial I/O, Transfer starting with MSB

● Program crashes can be detected by means of a watchdog timer.

● Low power consumption (standby mode): 50 µA (max)

● Oscillator frequency (fX): 6 MHz

  • frequency accuracy: ±1.5%

● Operating voltage: 5 V ±10%




Similar Part No. - UPD72042

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042AGT NEC-UPD72042AGT Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
Renesas Technology Corp
UPD72042B RENESAS-UPD72042B Datasheet
524Kb / 92P
MOS INTEGRATED CIRCUIT
1995
More results


Similar Description - UPD72042

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6708 NEC-UPD6708 Datasheet
292Kb / 72P
IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
logo
Toshiba Semiconductor
TC9244P TOSHIBA-TC9244P Datasheet
321Kb / 8P
LSI FOR REMOTE CONTROL RECEIVING
logo
NEC
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
OKI electronic componet...
MSM9554 OKI-MSM9554 Datasheet
63Kb / 7P
LSI Devices for FM Multiplex Data Demodulation
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
DSU LSI for the ISDN Terminal Equipment
logo
Rohm
BU24024GU ROHM-BU24024GU Datasheet
177Kb / 5P
Lens control LSI
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
AF Control LSI
logo
STMicroelectronics
AN2159 STMICROELECTRONICS-AN2159 Datasheet
671Kb / 23P
SPI protocol for STPM01/STPM10 metering devices
26-Jul-2010
logo
Renesas Technology Corp
PD72042B RENESAS-PD72042B_15 Datasheet
525Kb / 92P
LSI DEVICE FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com