Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72042 Datasheet(PDF) 2 Page - NEC

Part # UPD72042
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042 Datasheet(HTML) 2 Page - NEC

  UPD72042 Datasheet HTML 1Page - NEC UPD72042 Datasheet HTML 2Page - NEC UPD72042 Datasheet HTML 3Page - NEC UPD72042 Datasheet HTML 4Page - NEC UPD72042 Datasheet HTML 5Page - NEC UPD72042 Datasheet HTML 6Page - NEC UPD72042 Datasheet HTML 7Page - NEC UPD72042 Datasheet HTML 8Page - NEC UPD72042 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
µPD72042
2
Data Sheet S14870EJ1V0DS00
PIN CONFIGURATION (TOP VIEW)
• 16-pin plastic SOP (9.53 mm (375))
µPD72042GT
Note
Parentheses indicate the state corresponding to two-wire serial I/O mode.
AVDD
: Main power supply for IEBus (connected to the VDD pin)
BUS–, BUS+ : IEBus I/O
C/D
: Command/data switch input
CS
: Chip select input
GND
: Ground
IRQ
: Interrupt request output
NC
: No connection
RESET
: Reset input
SCK
: Serial clock input
SEL
: Serial mode selection
SI
: Serial data input
SIO
: Serial data I/O
SO
: Serial data output
TEST
: Test input (connected to the VDD pin)
VDD
: Main power supply
XI, XO
: System clock
1
2
3
4
5
6
7
8
VDD
TEST
RESET
CS
SEL
AVDD
BUS
+
BUS
−
16
15
14
13
12
11
10
9
SCK
SI(SIO)
Note
SO(NC)
Note
IRQ
C/D
XI
XO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com