Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72042 Datasheet(PDF) 21 Page - NEC

Part # UPD72042
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042 Datasheet(HTML) 21 Page - NEC

Back Button UPD72042 Datasheet HTML 17Page - NEC UPD72042 Datasheet HTML 18Page - NEC UPD72042 Datasheet HTML 19Page - NEC UPD72042 Datasheet HTML 20Page - NEC UPD72042 Datasheet HTML 21Page - NEC UPD72042 Datasheet HTML 22Page - NEC UPD72042 Datasheet HTML 23Page - NEC UPD72042 Datasheet HTML 24Page - NEC UPD72042 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
µPD72042
21
Data Sheet S14870EJ1V0DS00
2.5
BIT FORMAT
Fig. 2-4 illustrates the bits that constitute an IEBus communication frame.
Fig. 2-4
IEBus Bit Format (Concept)
Preparation period
: First and subsequent low-level (logic 1) periods
Synchronization period
: Next high-level (logic 0) period
Data period
: Period in which a bit value is indicated (logic 1 = low level, logic 0 = high level)
The synchronization and data periods are almost equal in duration.
For the IEBus, synchronization is established for each bit. The specifications of the total time required for a bit
and the duration of each period allotted within the bit vary depending on the type of the transmission bits, and whether
the unit is a master or slave.
Logic "1"
Logic "0"
Preparation
period
Synchronization
period
Data period
Preparation
period
Synchronization
period
Data period
Logic 1: The potential difference between the bus lines (the BUS+ and BUS- pins) is 20 mV or less (low level).
Logic 0: The potential difference between the bus lines (the BUS+ and BUS- pins) is 120 mV or more (high level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com