Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72042 Datasheet(PDF) 19 Page - NEC

Part # UPD72042
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042 Datasheet(HTML) 19 Page - NEC

Back Button UPD72042 Datasheet HTML 15Page - NEC UPD72042 Datasheet HTML 16Page - NEC UPD72042 Datasheet HTML 17Page - NEC UPD72042 Datasheet HTML 18Page - NEC UPD72042 Datasheet HTML 19Page - NEC UPD72042 Datasheet HTML 20Page - NEC UPD72042 Datasheet HTML 21Page - NEC UPD72042 Datasheet HTML 22Page - NEC UPD72042 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
µPD72042
19
Data Sheet S14870EJ1V0DS00
Fig. 2-2
Slave Status (SSR) Bit Format
Table 2-5
Slave Status Meanings
Bit
Value
Meaning
Bit 0Note 1
0
The slave transmission buffer is empty.
1
The slave transmission buffer is not empty.
Bit 1Note 2
0
The slave reception buffer is empty.
1
The slave reception buffer is not empty.
Bit 2
0
The unit is not locked.
1
The unit is locked.
Bit 3
0
Fixed at 0
Bit 4Note 3
0
Slave transmission disabled
1
Slave transmission enabled
Bit 5
0
Fixed at 0
Bit 7
00
Mode 0
Bit 6
01
Mode 1
10
Reserved for future expansion
11
Indicates the highest
mode supported by the
unitNote 4.
Notes 1. The slave transmission buffer is accessed during a data read operation (control bits: 3H, 7H).
For the
µPD72042, this buffer corresponds to the TBF available when STRQ of the FLG register is set
to 1.
2. The slave reception buffer is accessed during a data write operation (control bits: 8H, AH, BH, EH, FH).
For the
µPD72042, this buffer corresponds to the RBF available when SLRE of the FLG register is set
to 1.
3. The value of bit 4 can be selected by using the UAR1 register.
4. Bits 7 and 6 are currently fixed to 10 in the hardware of the
µPD72042.
(2) Data/command transfer (control bits: Read (3H, 7H), write (AH, BH, EH, FH))
When data read (3H, 7H) is set, the data in the data buffer of the slave unit is read into the master unit.
When data write (BH, FH) or command write (AH, EH) is set, the data received by the slave unit is processed
according to the operation specifications for the slave unit.
Remarks 1. The user can select data and commands as necessary according to the system.
2. 3H, AH, and BH may cause locking, depending on the communication conditions and status.
MSB
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com