Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72042 Datasheet(PDF) 1 Page - NEC

Part # UPD72042
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042 Datasheet(HTML) 1 Page - NEC

  UPD72042 Datasheet HTML 1Page - NEC UPD72042 Datasheet HTML 2Page - NEC UPD72042 Datasheet HTML 3Page - NEC UPD72042 Datasheet HTML 4Page - NEC UPD72042 Datasheet HTML 5Page - NEC UPD72042 Datasheet HTML 6Page - NEC UPD72042 Datasheet HTML 7Page - NEC UPD72042 Datasheet HTML 8Page - NEC UPD72042 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
©
2000
DATA SHEET
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM)
PROTOCOL CONTROL
MOS INTEGRATED CIRCUIT
µPD72042
The
µPD72042 is a microcomputer peripheral LSI device for IEBus protocol control.
The
µPD72042 performs all the processing required for layers 1 and 2 of the IEBus. The devices incorporate large
transmission and reception buffers, allowing the microcomputer to perform IEBus operations without interruption.
They also contain an IEBus driver and receiver, allowing them to directly connected to the bus directly.
FEATURES
•• Control of layers 1 and 2 of the IEBus protocol
• Support of a multi-master scheme
• Broadcast function
• Two communication modes having different
transmission speeds can be selected.
•• Microcomputer interface
Three-/two-wire serial I/O,
Transfer starting with MSB
•• Program crashes can be detected by means of a
watchdog timer.
•• Low power consumption (standby mode):
50
µA (max)
•• Oscillator frequency (fX): 6 MHz
• frequency accuracy:
±1.5%
•• Operating voltage: 5 V ±10%
Document No. S14870EJ1V0DS00 (1st edition)
Date Published June 2000 N CP(N)
Printed in Japan
q
q
Built-in IEBus driver and receiver
q
q
Transmission and reception buffers
Transmission buffer
: 33 bytes, FIFO
Reception buffer
: 40 bytes, FIFO (capable of
holding more than one frame
of reception data.)
ORDERING INFORMATION
Part number
Package
µPD72042GT
16-pin plastic SOP (9.53 mm (375))
Transmission speed
Mode 0
Approx. 3.9 Kbps
Mode 1
Approx. 17 Kbps
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPD72042

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042AGT NEC-UPD72042AGT Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
Renesas Technology Corp
UPD72042B RENESAS-UPD72042B Datasheet
524Kb / 92P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD72042

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6708 NEC-UPD6708 Datasheet
292Kb / 72P
IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
logo
Toshiba Semiconductor
TC9244P TOSHIBA-TC9244P Datasheet
321Kb / 8P
LSI FOR REMOTE CONTROL RECEIVING
logo
NEC
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
OKI electronic componet...
MSM9554 OKI-MSM9554 Datasheet
63Kb / 7P
LSI Devices for FM Multiplex Data Demodulation
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
DSU LSI for the ISDN Terminal Equipment
logo
Rohm
BU24024GU ROHM-BU24024GU Datasheet
177Kb / 5P
Lens control LSI
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
AF Control LSI
logo
STMicroelectronics
AN2159 STMICROELECTRONICS-AN2159 Datasheet
671Kb / 23P
SPI protocol for STPM01/STPM10 metering devices
26-Jul-2010
logo
Renesas Technology Corp
PD72042B RENESAS-PD72042B_15 Datasheet
525Kb / 92P
LSI DEVICE FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com