Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8600V Datasheet (PDF) - Lattice Semiconductor

8600V Datasheet PDF - Lattice Semiconductor
Part # 8600V
Download  8600V Download
File Size   333.1 Kbytes
Page   26 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V In-System Programmable SuperBIG??High Density PLD

8600V Datasheet (PDF)

Go To PDF Page Download Datasheet
8600V Datasheet PDF - Lattice Semiconductor

Part # 8600V
Download  8600V Click to download

File Size   333.1 Kbytes
Page   26 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V In-System Programmable SuperBIG??High Density PLD

8600V Datasheet (HTML) - Lattice Semiconductor


8600V Product details

Description

The ispLSI 8000V Family of Register-Intensive, 3.3V SuperBIG In-System Programmable Logic Devices is based on Big Fast Megablocks of 120 registered macrocells and a Global Routing Plane (GRP) structure interconnecting the Big Fast Megablocks. Each Big Fast Megablock contains 120 registered macrocells arranged in six groups of 20, a group of 20 being referred to as a Generic Logic Block, or GLB. Within the Big Fast Megablock, a Big Fast Megablock Routing Pool (BRP) interconnects the six GLBs to each other and to 24 Big Fast Megablock I/O cells with optional I/O registers.



Features

• SuperBIG HIGH DENSITY IN-SYSTEM PROGRAMMABLE LOGIC

— 3.3V Power Supply

— 32,000 PLD Gates/600 Macrocells

— 192-264 I/O Pins Supporting 3.3V/2.5V I/O

— 864 Registers

— High-Speed Global and Big Fast Megablock (BFM) Interconnect

— Wide 20-Macrocell Generic Logic Block (GLB) for High Performance

— Wide Input Gating (44 Inputs per GLB) for Fast Counters, State Machines, Address Decoders, Etc.

— PCB-Efficient Ball Grid Array (BGA) Package Options

• HIGH-PERFORMANCE E2CMOS® TECHNOLOGY

— fmax = 125 MHz Maximum Operating Frequency

— tpd = 8.5 ns Propagation Delay

— Electrically Erasable and Reprogrammable

— Non-Volatile

— Programmable Speed/Power Logic Path Optimization

• IN-SYSTEM PROGRAMMABLE

— Increased Manufacturing Yields, Reduced Time-to Market and Improved Product Quality

— Reprogram Soldered Devices for Faster Debugging

• 100% IEEE 1149.1 BOUNDARY SCAN TESTABLE AND 3.3V IN-SYSTEM PROGRAMMABLE




Similar Part No. - 8600V

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
Microminiature Pushbutton Switches
logo
Filtran LTD
8600 FILTRAN-8600 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
C&K Components
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
Microminiature Pushbutton Switches
logo
List of Unclassifed Man...
8600 ETC2-8600 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
8600 ETC2-8600 Datasheet
5Mb / 7P
Voltage range up to 500 V
More results


Similar Description - 8600V

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
3.3V In-System Programmable SuperFAST??High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
In-System Programmable 3.3V SuperWIDE??High Density PLD
81080V LATTICE-81080V Datasheet
333Kb / 26P
3.3V In-System Programmable SuperBIG??High Density PLD
8840 LATTICE-8840 Datasheet
304Kb / 23P
In-System Programmable SuperBIG??High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
In-System Programmable 3.3V SuperWIDE??High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com