Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-10LS Datasheet (PDF) - Lattice Semiconductor

GAL16V8D-10LS Datasheet PDF - Lattice Semiconductor
Part # GAL16V8D-10LS
Download  GAL16V8D-10LS Download
File Size   316.0 Kbytes
Page   22 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS PLD Generic Array Logic

GAL16V8D-10LS Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL16V8D-10LS Datasheet PDF - Lattice Semiconductor

Part # GAL16V8D-10LS
Download  GAL16V8D-10LS Click to download

File Size   316.0 Kbytes
Page   22 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS PLD Generic Array Logic

GAL16V8D-10LS Datasheet (HTML) - Lattice Semiconductor


GAL16V8D-10LS Product details

Description

The GAL16V8, at 3.5 ns maximum propagation delay time, combines a high performance CMOS process with Electrically Erasable (E2) floating gate technology to provide the highest speed performance available in the PLD market. High speed erase times (<100ms) allow the devices to be reprogrammed quickly and efficiently.



Features

•HIGH PERFORMANCE E2CMOS®TECHNOLOGY

—3.5 ns Maximum Propagation Delay

—Fmax = 250 MHz

—3.0 ns Maximum from Clock Input to Data Output

—UltraMOS® Advanced CMOS Technology

•50% to 75% REDUCTION IN POWER FROM BIPOLAR

—75mA Typ Icc on Low Power Device

—45mA Typ Icc on Quarter Power Device

•ACTIVE PULL-UPS ON ALL PINS

•E2CELL TECHNOLOGY

—Reconfigurable Logic

—Reprogrammable Cells

—100% Tested/100% Yields

—High Speed Electrical Erasure (<100ms)

—20 Year Data Retention

•EIGHT OUTPUT LOGIC MACROCELLS

—Maximum Flexibility for Complex Logic Designs

—Programmable Output Polarity

—Also Emulates 20-pin PAL® Devices with Full Function/Fuse Map/Parametric Compatibility

•PRELOAD AND POWER-ON RESET OF ALL REGISTERS

—100% Functional Testability

•APPLICATIONS INCLUDE:

—DMA Control

—State Machine Control

—High Speed Graphics Processing

—Standard Logic Speed Upgrade

•ELECTRONIC SIGNATURE FOR IDENTIFICATION




Similar Part No. - GAL16V8D-10LS

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8D-10LS LATTICE-GAL16V8D-10LS Datasheet
339Kb / 23P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-10LS LATTICE-GAL16V8D-10LS Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-10LS LATTICE-GAL16V8D-10LS Datasheet
767Kb / 26P
All Devices Discontinued
GAL16V8D-10LS LATTICE-GAL16V8D-10LS Datasheet
340Kb / 23P
High Performance E2CMOS PLD
More results


Similar Description - GAL16V8D-10LS

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
High Performance E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
High Performance E2CMOS PLD Generic Array Logic?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com