Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS2515M Datasheet (PDF) - Diodes Incorporated

DSS2515M Datasheet PDF - Diodes Incorporated
Part # DSS2515M_15
Download  DSS2515M Download
File Size   381.71 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V NPN LOW VCE(sat) TRANSISTOR IN DFN1006

DSS2515M Datasheet (PDF)

Go To PDF Page Download Datasheet
DSS2515M Datasheet PDF - Diodes Incorporated

Part # DSS2515M_15
Download  DSS2515M Click to download

File Size   381.71 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V NPN LOW VCE(sat) TRANSISTOR IN DFN1006

DSS2515M Datasheet (HTML) - Diodes Incorporated




Similar Part No. - DSS2515M_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS2515M-7 DIODES-DSS2515M-7 Datasheet
135Kb / 5P
15V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
DS31816 Rev. 3 - 2
DSS2515M-7B DIODES-DSS2515M-7B Datasheet
135Kb / 5P
15V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
DS31816 Rev. 3 - 2
More results


Similar Description - DSS2515M_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
Low Vce(sat) NPN Transistor
logo
Diodes Incorporated
DSS2515M DIODES-DSS2515M Datasheet
135Kb / 5P
15V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
DS31816 Rev. 3 - 2
DSS3515M DIODES-DSS3515M_15 Datasheet
374Kb / 7P
15V PNP LOW VCE(sat) TRANSISTOR
Rev 4
logo
ON Semiconductor
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
15C02MH ONSEMI-15C02MH Datasheet
368Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com