Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD7000 Datasheet (PDF) - Diodes Incorporated

MMBD7000 Datasheet PDF - Diodes Incorporated
Part # MMBD7000
Download  MMBD7000 Download
File Size   100.71 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL SURFACE MOUNT SWITCHING DIODE

MMBD7000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD7000 Datasheet PDF - Diodes Incorporated

Part # MMBD7000
Download  MMBD7000 Click to download

File Size   100.71 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL SURFACE MOUNT SWITCHING DIODE

MMBD7000 Datasheet (HTML) - Diodes Incorporated


MMBD7000 Product details

Features
• Fast Switching Speed: Maximum of 4ns
• Low Total Capacitance: Maximum of 2pF
• Surface Mount Package Ideally Suited for Automated Insertion
• For General Purpose Switching Applications
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Mechanical Data
• Case: SOT23
• Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020D
• Terminals: Solderable per MIL-STD-202, Method 208
• Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe)
• Polarity: See Diagram
• Weight: 0.008 grams (approximate)




Similar Part No. - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
DUAL SWITCHING DIODE
logo
Fairchild Semiconductor
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
151Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 3 - 2
logo
General Semiconductor
MMBD7000 GE-MMBD7000 Datasheet
91Kb / 2P
DUAL SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD7000 MCC-MMBD7000 Datasheet
80Kb / 2P
350mW 100Volt Dual Switching Diode
More results


Similar Description - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
logo
Diodes Incorporated
BAW101 DIODES-BAW101_17 Datasheet
277Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com