Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8KC Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

S8KC Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # S8KC
Download  S8KC Download
File Size   232.8 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers

S8KC Datasheet (PDF)

Go To PDF Page Download Datasheet
S8KC Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # S8KC
Download  S8KC Click to download

File Size   232.8 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers

S8KC Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - S8KC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8KC DIODES-S8KC Datasheet
119Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS31117 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
S8KC TSC-S8KC Datasheet
199Kb / 3P
Surface Mount Glass Passivated Rectifier
logo
Taiwan Memory Technolog...
S8KC TMT-S8KC Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
S8KC LUGUANG-S8KC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
logo
Diodes Incorporated
S8KC-13 DIODES-S8KC-13 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
More results


Similar Description - S8KC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K_16 Datasheet
187Kb / 4P
8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Memory Technolog...
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GC TMT-S8GC_16 Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S10GC TSC-S10GC Datasheet
288Kb / 5P
10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S12GC TSC-S12GC Datasheet
289Kb / 5P
12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S15GC TSC-S15GC Datasheet
176Kb / 4P
15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GCH TSC-S8GCH Datasheet
429Kb / 5P
8A, 400V - 1000V Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com