Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8KC Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S8KC
Description  8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S8KC Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S8KC Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S8KC Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S8KC Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S8KC Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Ideal for automated placement
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
CJ
pF
RθJL
RθJA
TJ
°C
TSTG
°C
Document Number: DS_D0000010
Version: B15
Typical thermal resistance
44
°C/W
Note 2: Measured at 1.0MHz and applied reverse voltage of 4.0V DC
Maximum DC blocking voltage
V
A
Maximum instantaneous forward voltage (Note 1)
IF= 8 A
12.5
IFSM
Note 1: Pulse test with PW=300μs, 1% duty cycle
Operating junction temperature range
Storage temperature range
IR
Typical Junction Capacitance (Note 2)
S8GC - S8MC
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
Taiwan Semiconductor
MECHANICAL DATA
Moisture sensitivity: level 1, per J-STD-020
FEATURES
μA
Maximum reverse current @ rated VR TJ=25 °C
TJ=125 °C
Maximum repetitive peak reverse voltage
Maximum RMS voltage
48
S8JC
S8KC
0.985
A
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Weight:
0.27 g (approximately)
DO-214AB (SMC)
Case:
DO-214AB (SMC)
Maximum average forward rectified current
PARAMETER
S8GC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25°C unless otherwise noted)
8
Polarity:
Indicated by cathode band
TJ =125°C
338
400
600
800
- 55 to +150
10
250
- 55 to +150
VF
400
600
800
1000
S8MC
Peak forward surge current
1.0 ms single half sine-wave
TJ =25°C
IFSM
600
Peak forward surge current
8.3 ms single half sine-wave
TJ =25°C
TJ =125°C
200
170
1000
280
420
560
700


Similar Part No. - S8KC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8KC DIODES-S8KC Datasheet
119Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS31117 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
S8KC TSC-S8KC Datasheet
199Kb / 3P
Surface Mount Glass Passivated Rectifier
logo
Taiwan Memory Technolog...
S8KC TMT-S8KC Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
S8KC LUGUANG-S8KC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
logo
Diodes Incorporated
S8KC-13 DIODES-S8KC-13 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
More results

Similar Description - S8KC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K_16 Datasheet
187Kb / 4P
8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Memory Technolog...
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GC TMT-S8GC_16 Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S10GC TSC-S10GC Datasheet
288Kb / 5P
10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S12GC TSC-S12GC Datasheet
289Kb / 5P
12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S15GC TSC-S15GC Datasheet
176Kb / 4P
15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GCH TSC-S8GCH Datasheet
429Kb / 5P
8A, 400V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com