Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8KC Datasheet (PDF) - Diodes Incorporated

S8KC Datasheet PDF - Diodes Incorporated
Part # S8KC
Download  S8KC Download
File Size   119.82 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S8KC Datasheet (PDF)

Go To PDF Page Download Datasheet
S8KC Datasheet PDF - Diodes Incorporated

Part # S8KC
Download  S8KC Click to download

File Size   119.82 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S8KC Datasheet (HTML) - Diodes Incorporated


S8KC Product details

Description and Applications
8.0A Surface Mount Glass Passivated Rectifier in SMC package, offers high current capability and low forward voltage drop, designed with Guard Ring for Transient Protection and high surge capacity.

Features and Benefits
• Glass Passivated Die Construction
• Low Forward Voltage Drop and High Current Capability
• Surge Overload Rating to 200A Peak
• Ideally Suited for Automated Assembly
• Lead Free Finish/RoHS Compliant (Note 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - S8KC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S8KC TSC-S8KC Datasheet
199Kb / 3P
Surface Mount Glass Passivated Rectifier
S8KC TSC-S8KC Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
S8KC TMT-S8KC Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
S8KC LUGUANG-S8KC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
logo
Diodes Incorporated
S8KC-13 DIODES-S8KC-13 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
More results


Similar Description - S8KC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8MC-13 DIODES-S8MC-13 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
S8KC-13 DIODES-S8KC-13 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
S8KC DIODES-S8KC_15 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
S8NC DIODES-S8NC_15 Datasheet
421Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
GBU4A ZSELEC-GBU4A Datasheet
122Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A ZSELEC-GBU6A Datasheet
122Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU8A ZSELEC-GBU8A Datasheet
122Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6005 ZSELEC-GBU6005 Datasheet
123Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU8005 ZSELEC-GBU8005 Datasheet
123Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
S8NC DIODES-S8NC Datasheet
421Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
December 2014
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com