Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8KC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # S8KC
Description  8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S8KC Datasheet(HTML) 2 Page - Diodes Incorporated

  S8KC Datasheet HTML 1Page - Diodes Incorporated S8KC Datasheet HTML 2Page - Diodes Incorporated S8KC Datasheet HTML 3Page - Diodes Incorporated S8KC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S8KC - S8MC
Document number: DS31117 Rev. 7 - 2
2 of 4
www.diodes.com
July 2009
© Diodes Incorporated
S8KC - S8MC
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
Resistive or
inductive load
Note 2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T - 25 C
j
°
0
40
80
110
100
Fig. 3 Forward Surge Current Derating Curve
NUMBER OF CYCLES AT 60 Hz
120
160
200
240
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125 C
j
°
T = 25 C
j
°
Ordering Information (Note 5)
Part Number
Case
Packaging
S8xC-13
SMC
3000/Tape & Reel
*x = Device type, e.g. S8MC-13.
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xxxx = Product type marking code, ex: S8KC
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 7 for 2007)
WW = Week code 01 to 52
YWW
xxxx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com