Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8KC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S8KC
Description  8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S8KC Datasheet(HTML) 1 Page - Diodes Incorporated

  S8KC Datasheet HTML 1Page - Diodes Incorporated S8KC Datasheet HTML 2Page - Diodes Incorporated S8KC Datasheet HTML 3Page - Diodes Incorporated S8KC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S8KC - S8MC
Document number: DS31117 Rev. 7 - 2
1 of 4
www.diodes.com
July 2009
© Diodes Incorporated
S8KC - S8MC
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Features
•
Glass Passivated Die Construction
•
Low Forward Voltage Drop and High Current Capability
•
Surge Overload Rating to 200A Peak
•
Ideally Suited for Automated Assembly
•
Lead Free Finish/RoHS Compliant (Note 1)
•
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
•
Case: SMC
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
•
Polarity: Cathode Band or Cathode Notch
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.21 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
S8KC
S8MC
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
800
1000
V
RMS Reverse Voltage
VR(RMS)
560
700
V
Average Rectified Output Current
@ TT = 75°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
200
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 4)
RθJT
10
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 8.0A
VFM
0.985
V
Peak Reverse Current
@TA = 25°C
@TA = 125°C
IRM
10
250
μA
Typical Total Capacitance (Note 3)
CT
40
pF
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/quality/lead_free.html.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
4. Thermal resistance junction to terminal, device mounted on 100.5mm x 102.5mm x 1.7mm Cu plate heatsink.
 
Green
Top View
Bottom View
Please click here to visit our online spice models database.


Similar Part No. - S8KC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S8KC TSC-S8KC Datasheet
199Kb / 3P
Surface Mount Glass Passivated Rectifier
S8KC TSC-S8KC Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
S8KC TMT-S8KC Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
S8KC LUGUANG-S8KC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
logo
Diodes Incorporated
S8KC-13 DIODES-S8KC-13 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
More results

Similar Description - S8KC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8MC-13 DIODES-S8MC-13 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
S8KC-13 DIODES-S8KC-13 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
S8KC DIODES-S8KC_15 Datasheet
280Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
S8NC DIODES-S8NC_15 Datasheet
421Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
GBU4A ZSELEC-GBU4A Datasheet
122Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A ZSELEC-GBU6A Datasheet
122Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU8A ZSELEC-GBU8A Datasheet
122Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6005 ZSELEC-GBU6005 Datasheet
123Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU8005 ZSELEC-GBU8005 Datasheet
123Kb / 2P
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
S8NC DIODES-S8NC Datasheet
421Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
December 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com