Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF43168 Datasheet (PDF) - LOGIC Devices Incorporated

LF43168 Datasheet PDF - LOGIC Devices Incorporated
Part # LF43168
Download  LF43168 Download
File Size   184.84 Kbytes
Page   16 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Dual 8-Tap FIR Filter

LF43168 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF43168 Datasheet PDF - LOGIC Devices Incorporated

Part # LF43168
Download  LF43168 Click to download

File Size   184.84 Kbytes
Page   16 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Dual 8-Tap FIR Filter

LF43168 Datasheet (HTML) - LOGIC Devices Incorporated


LF43168 Product details

DESCRIPTION
The LF43168 is a high-speed dual FIR filter capable of filtering data at realtime video rates. The device contains two FIR filters which may be used as two separate filters or cascaded to form one filter. The input and coefficient data are both 10-bits and can be in unsigned, two’s complement, or mixed mode format.

FEATURES
❑ 66 MHz Data and Computation Rate
❑ Two Independent 8-Tap or Single 16-Tap FIR Filters
❑ 10-bit Data and Coefficient Inputs
❑ 32 Programmable Coefficient Sets
❑ Supports Interleaved Coefficient Sets
❑ User Programmable Decimation up to 16:1
❑ Maximum of 256 FIR Filter Taps, 16 x 16 2-D Kernels, or 10 x 20-bit Data and Coefficients
❑ Replaces Harris HSP43168
❑ Package Styles Available:
    • 84-pin Plastic LCC, J-Lead
    • 100-pin Plastic Quad Flatpack




Similar Part No. - LF43168

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
8 x 8-bit Digital Filter
LF43881JC40 LODEV-LF43881JC40 Datasheet
82Kb / 11P
8 x 8-bit Digital Filter
LF43891 LODEV-LF43891 Datasheet
79Kb / 11P
9 x 9-bit Digital Filter
LF43891JC33 LODEV-LF43891JC33 Datasheet
79Kb / 11P
9 x 9-bit Digital Filter
LF43891JC40 LODEV-LF43891JC40 Datasheet
79Kb / 11P
9 x 9-bit Digital Filter
More results


Similar Description - LF43168

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
Dual FIR Filter
May 1999
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
Programmable FIR Filter
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
Programmable FIR FIlter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
Dual FIR Filter
April 18, 2007
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
Dual Channel, Differential Input FIR Filter Platform
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
Dual FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
Dual FIR Filter
July 27, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com