Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT2MATA Datasheet (PDF) - Diodes Incorporated

ZXT2MATA Datasheet PDF - Diodes Incorporated
Part # ZXT2MATA
Download  ZXT2MATA Download
File Size   160.45 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP LOW SATURATION SWITCHING TRANSISTOR

ZXT2MATA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT2MATA Datasheet PDF - Diodes Incorporated

Part # ZXT2MATA
Download  ZXT2MATA Click to download

File Size   160.45 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP LOW SATURATION SWITCHING TRANSISTOR

ZXT2MATA Datasheet (HTML) - Diodes Incorporated


ZXT2MATA Product details

Features and Benefits
• BVCEO > -20V
• IC = -3.5A Continuous Collector Current
• Low Saturation Voltage (-220mV @ -1A)
• RSAT = 64 mΩ for a low equivalent On-Resistance
• hFE specified up to -6A for high current gain hold up
• RθJA efficient, 60% lower than SOT23
• 4mm2 footprint, 50% smaller than SOT23
• Lead Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free. "Green" Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• MOSFET Gate Driving
• DC-DC Converters
• Charging Circuits
• Power switches
• Motor Control




Similar Part No. - ZXT2MATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
More results


Similar Description - ZXT2MATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13P20DE6 ZETEX-ZXT13P20DE6 Datasheet
409Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 4
ZXTD2M832 DIODES-ZXTD2M832 Datasheet
396Kb / 6P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
ZXT14P20DX DIODES-ZXT14P20DX Datasheet
269Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTD718MC DIODES-ZXTD718MC_15 Datasheet
195Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTP718MA DIODES-ZXTP718MA_15 Datasheet
198Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com