Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT2MATA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXT2MATA
Description  20V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT2MATA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXT2MATA Datasheet HTML 1Page - Diodes Incorporated ZXT2MATA Datasheet HTML 2Page - Diodes Incorporated ZXT2MATA Datasheet HTML 3Page - Diodes Incorporated ZXT2MATA Datasheet HTML 4Page - Diodes Incorporated ZXT2MATA Datasheet HTML 5Page - Diodes Incorporated ZXT2MATA Datasheet HTML 6Page - Diodes Incorporated ZXT2MATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXT2MA
Document Number: DS35302 Rev. 1 - 2
1 of 7
www.diodes.com
April 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXT2MA
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Features and Benefits
•
BVCEO > -20V
•
IC = -3.5A Continuous Collector Current
•
Low Saturation Voltage (-220mV @ -1A)
•
RSAT = 64 mΩ for a low equivalent On-Resistance
•
hFE specified up to -6A for high current gain hold up
•
RθJA efficient, 60% lower than SOT23
•
4mm
2 footprint, 50% smaller than SOT23
•
Lead Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Applications
•
MOSFET Gate Driving
•
DC-DC Converters
•
Charging Circuits
•
Power switches
•
Motor Control
Mechanical Data
•
Case: DFN322
•
Case material: Molded Plastic. “Green” Molding Compound.
•
Terminals: Matte Tin Finish.
•
Nominal package height: 0.85mm
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Weight: 0.01 grams (approximate)
Ordering Information (Note 3)
Notes:
1. No purposefully added lead.
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXT2MATA
S2
7
8
3,000
ZXT2MATC
S2
13
8
10,000
DFN322
S2 = Product Type Marking code
Top View
C
E
B
Top View
Device Symbol
Bottom View
Pin Out
Bottom View
C
BE
S2


Similar Part No. - ZXT2MATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
More results

Similar Description - ZXT2MATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13P20DE6 ZETEX-ZXT13P20DE6 Datasheet
409Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 4
ZXTD2M832 DIODES-ZXTD2M832 Datasheet
396Kb / 6P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
ZXT14P20DX DIODES-ZXT14P20DX Datasheet
269Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTD718MC DIODES-ZXTD718MC_15 Datasheet
195Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTP718MA DIODES-ZXTP718MA_15 Datasheet
198Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com