Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA59 Datasheet (PDF) - Tyco Electronics

SMA59 Datasheet PDF - Tyco Electronics
Part # SMA59
Download  SMA59 Download
File Size   85.56 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5 TO 500 MHz CASCADABLE AMPLIFIER

SMA59 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA59 Datasheet PDF - Tyco Electronics

Part # SMA59
Download  SMA59 Click to download

File Size   85.56 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5 TO 500 MHz CASCADABLE AMPLIFIER

SMA59 Datasheet (HTML) - Tyco Electronics


SMA59 Product details

Description
The A59 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
 • HIGH DYNAMIC RANGE: +118 DBM (1 MHz Band)
 • HIGH OUTPUT POWER: +22 dBm (TYP.)
 • HIGH THIRD ORDER I.P.: +36 dBM (TYP.)
 • LOW NOISE FIGURE: 4.3 dB (TYP.)
 • WIDE POWER SUPPLY RANGE: +5 to +15 VOLTS




Similar Part No. - SMA59

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA59 MACOM-SMA59 Datasheet
377Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
SMA59 MA-COM-SMA59 Datasheet
635Kb / 3P
Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
SMA59-1 MACOM-SMA59-1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 700 MHz
logo
Dongguan City Niuhang E...
SMA5913A NIUHANG-SMA5913A Datasheet
512Kb / 3P
PLASTIC-ENCAPSULATE ZENER DIODE
logo
Shanghai Leiditech Elec...
SMA5913A LEIDITECH-SMA5913A Datasheet
612Kb / 3P
Surface Mount Silicon Zener Diodes
More results


Similar Description - SMA59

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com