Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A66 Datasheet (PDF) - Tyco Electronics

A66 Datasheet PDF - Tyco Electronics
Part # A66
Download  A66 Download
File Size   85.43 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 1200 MHz CASCADABLE AMPLIFIER

A66 Datasheet (PDF)

Go To PDF Page Download Datasheet
A66 Datasheet PDF - Tyco Electronics

Part # A66
Download  A66 Click to download

File Size   85.43 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 1200 MHz CASCADABLE AMPLIFIER

A66 Datasheet (HTML) - Tyco Electronics


A66 Product details

Description

The A66 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability. This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

•  HIGH GAIN - TWO STAGES: 23.5 dB (TYP.)

•  LOW NOISE: <3.8 dB (TYP.)

•  HIGH OUTPUT LEVEL:+15.0 dBm (TYP.)

•  WIDE POWER SUPPLY RANGE: 5 TO 15 VOLTS

 




Similar Part No. - A66

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A66 MACOM-A66 Datasheet
380Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
647Kb / 3P
Cascadable Amplifier
logo
Tyco Electronics
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
More results


Similar Description - A66

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64 Datasheet
110Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MACOM-A64_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com