Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC-147 Datasheet (PDF) - Tyco Electronics

AMC-147 Datasheet PDF - Tyco Electronics
Part # AMC-147
Download  AMC-147 Download
File Size   224.66 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Performance Amplifier, 17 dB Gain, 5 - 500 MHz

AMC-147 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC-147 Datasheet PDF - Tyco Electronics

Part # AMC-147
Download  AMC-147 Click to download

File Size   224.66 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Performance Amplifier, 17 dB Gain, 5 - 500 MHz

AMC-147 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AMC-147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AMC-147 MACOM-AMC-147 Datasheet
334Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
AMC-147 MA-COM-AMC-147 Datasheet
140Kb / 2P
Cascadable Amplifier 10 to 500MHz
AMC-147 MA-COM-AMC-147 Datasheet
630Kb / 3P
Cascadable Amplifier
logo
Tyco Electronics
AMC-147-SMA MACOM-AMC-147-SMA Datasheet
334Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
AMC-147-SMA MA-COM-AMC-147-SMA Datasheet
140Kb / 2P
Cascadable Amplifier 10 to 500MHz
More results


Similar Description - AMC-147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-131 MACOM-AM-131 Datasheet
256Kb / 3P
High Performance Amplifier, 10dB Gain 5 - 500 MHz
AM-146 MACOM-AM-146 Datasheet
267Kb / 3P
High Performance Amplifier, 21dB Gain 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-143 MA-COM-AM-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-143 MA-COM-AM-143_15 Datasheet
539Kb / 4P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com