Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM55-0027 Datasheet (PDF) - Tyco Electronics

AM55-0027 Datasheet PDF - Tyco Electronics
Part # AM55-0027
Download  AM55-0027 Download
File Size   812.39 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description UMTS Digital Gain Control Amplifier, 1.94 - 2.34 GHz

AM55-0027 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM55-0027 Datasheet PDF - Tyco Electronics

Part # AM55-0027
Download  AM55-0027 Click to download

File Size   812.39 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description UMTS Digital Gain Control Amplifier, 1.94 - 2.34 GHz

AM55-0027 Datasheet (HTML) - Tyco Electronics


AM55-0027 Product details

Description
M/A-COM’s AM55-0027 is a digitally controlled Variable Gain Amplifier. Attenuation range is 10 dB with Attenuation Steps of 0.25 dB. Attenuation is controlled digitally through a parallel interface.

Features
■ Digitally Controlled Gain Block
■ Parallel Control Interface
■ 4mm FQFP-N Package
■ Single Positive Supply Voltage
■ 0.25 dB Steps of Attenuation
■ 10 dB Atttenuation Range




Similar Part No. - AM55-0027

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0023 MACOM-AM55-0023 Datasheet
230Kb / 4P
Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0023RTR MACOM-AM55-0023RTR Datasheet
230Kb / 4P
Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0023SMB MACOM-AM55-0023SMB Datasheet
230Kb / 4P
Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0023TR MACOM-AM55-0023TR Datasheet
230Kb / 4P
Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0024 MACOM-AM55-0024 Datasheet
393Kb / 4P
Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
More results


Similar Description - AM55-0027

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
Digital Audio Amplifier Gain Control using Logarithmic
April 21, 2005
logo
WJ Communication. Inc.
VG112 WJCI-VG112 Datasheet
277Kb / 4P
PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111 Datasheet
601Kb / 7P
PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112_06 Datasheet
341Kb / 5P
PCS/UMTS-band Variable Gain Amplifier
logo
M/A-COM Technology Solu...
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
Vector Modulator, 1.94 to 2.34 GHz
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
0.05?? GHz Digital Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
0.05 ??4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
0.7 ??3.6 GHz Digital Variable Gain Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com