Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-232PIN Datasheet (PDF) - Tyco Electronics

AT-232PIN Datasheet PDF - Tyco Electronics
Part # AT-232PIN
Download  AT-232PIN Download
File Size   227.37 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz

AT-232PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-232PIN Datasheet PDF - Tyco Electronics

Part # AT-232PIN
Download  AT-232PIN Click to download

File Size   227.37 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz

AT-232PIN Datasheet (HTML) - Tyco Electronics


AT-232PIN Product details

Description

M/A-COM’s AT-232-PIN is a GaAs FET 4-bit digital attenuator with a 2 dB minimum step size and 30 dB total attenuation. This attenuator is in a hermetically sealed ceramic 16-lead surface mount package. The AT-232-PIN is ideally suited for use where accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include dynamic range setting in precision receiver circuits and other gain/leveling control circuits. Environmental screening is available. Contact the factory for information.



Features

•  Attenuation: 2 dB steps to 30 dB

•  Temperature Stability: ± 0.18 dB from –55°C to +85°C Typical

•  Low DC Power Consumption

•  Hermetic Surface Mount Package

•  Fast Switching Speed, 12 ns Typical

•  50 Ohm Nominal Impedance

•  Lead-Free CR-6 Package

•  260°C Reflow Compatible

•  RoHS Compliant




Similar Part No. - AT-232PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-232-PIN MACOM-AT-232-PIN Datasheet
160Kb / 4P
Digital Attenuator, 30.0dB, 4-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
Digital Attenuator
AT-232-PIN MA-COM-AT-232-PIN_15 Datasheet
77Kb / 4P
Digital Attenuator
logo
Hirose Electric
AT-2320 HIROSE-AT-2320 Datasheet
221Kb / 3P
Stripline Mounting Fixed Attenuators
More results


Similar Description - AT-232PIN

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
AT65-0233 MACOM-AT65-0233 Datasheet
233Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0233 MACOM-AT90-0233 Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
AT90-1233 MACOM-AT90-1233 Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009_15 Datasheet
550Kb / 4P
Digital Attenuator, 30 dB, 4-Bit
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com