Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-255 Datasheet (PDF) - Tyco Electronics

AT-255 Datasheet PDF - Tyco Electronics
Part # AT-255
Download  AT-255 Download
File Size   32.23 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz

AT-255 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-255 Datasheet PDF - Tyco Electronics

Part # AT-255
Download  AT-255 Click to download

File Size   32.23 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz

AT-255 Datasheet (HTML) - Tyco Electronics


AT-255 Product details

Description
M/A-COM’s AT-255 is a GaAs MMIC voltage variable absorptive attenuator in a low cost SOT-25 surface mount plastic package. The AT-255 is ideally suited for use where variable attenuation fine tuning and very low power consumption are required.
Typical applications include radio, cellular, GPS equipment and automatic gain/level control circuits.

Features
• Single Voltage Control 0 to -3 Volts
• 25 dB Attenuation Range at 0.9 GHz
• Low DC Power Consumption
• Low Cost SOT-25 Plastic Package
• Tape and Reel Packaging Available




Similar Part No. - AT-255

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-255 MACOM-AT-255 Datasheet
180Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
logo
M/A-COM Technology Solu...
AT-255 MA-COM-AT-255 Datasheet
73Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
AT-255SMB MA-COM-AT-255SMB Datasheet
73Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
logo
Tyco Electronics
AT-255TR MACOM-AT-255TR Datasheet
180Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
logo
M/A-COM Technology Solu...
AT-255TR MA-COM-AT-255TR Datasheet
73Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
More results


Similar Description - AT-255

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV104-12 ALPHA-AV104-12 Datasheet
29Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV141-321 ALPHA-AV141-321 Datasheet
543Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz
logo
Skyworks Solutions Inc.
SKY12146-321 SKYWORKS-SKY12146-321 Datasheet
87Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250_1 Datasheet
162Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
AT-255 MACOM-AT-255_1 Datasheet
180Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
MAAVSS0006 MACOM-MAAVSS0006 Datasheet
192Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
logo
Skyworks Solutions Inc.
SKY12146-321 SKYWORKS-SKY12146-321_07 Datasheet
233Kb / 4P
GaAs IC 25 dB Voltage Variable Attenuator 2.7-4 GHz
logo
M/A-COM Technology Solu...
AT-255 MA-COM-AT-255 Datasheet
73Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
AT-635 MA-COM-AT-635 Datasheet
99Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
MAAVSS0006 MA-COM-MAAVSS0006 Datasheet
103Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com