Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSM0008 Datasheet (PDF) - Tyco Electronics

MAAPSM0008 Datasheet PDF - Tyco Electronics
Part # MAAPSM0008
Download  MAAPSM0008 Download
File Size   220.67 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1-Watt Power Amplifier 5 - 6 GHz

MAAPSM0008 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSM0008 Datasheet PDF - Tyco Electronics

Part # MAAPSM0008
Download  MAAPSM0008 Click to download

File Size   220.67 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1-Watt Power Amplifier 5 - 6 GHz

MAAPSM0008 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAPSM0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSM0015 MACOM-MAAPSM0015 Datasheet
158Kb / 3P
DC-20 GHz GaAs MMIC Amplifier
More results


Similar Description - MAAPSM0008

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA29000 FAIRCHILD-RMPA29000 Datasheet
293Kb / 10P
27-30 GHZ 1 Watt Power Amplifier MMIC
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
37-40 GHz 1 Watt Power Amplifier MMIC
RMPA61810 FAIRCHILD-RMPA61810 Datasheet
550Kb / 6P
Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC
logo
Tyco Electronics
MAAPSS0096 MACOM-MAAPSS0096 Datasheet
366Kb / 6P
1 Watt Power Amplifier 4.9 - 6.0 GHz
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
Excelics Semiconductor,...
EMP216 EXCELICS-EMP216 Datasheet
260Kb / 5P
6 - 18 GHz 2 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC590 HITTITE-HMC590_09 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6 - 10 GHz
HMC637 HITTITE-HMC637 Datasheet
609Kb / 8P
GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC637LP5 HITTITE-HMC637LP5 Datasheet
931Kb / 8P
GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
logo
TriQuint Semiconductor
TGA2501-GSG TRIQUINT-TGA2501-GSG Datasheet
380Kb / 11P
2.8 Watt 6-18 GHz Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com