Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-162PIN Datasheet (PDF) - Tyco Electronics

SW-162PIN Datasheet PDF - Tyco Electronics
Part # SW-162PIN
Download  SW-162PIN Download
File Size   83.25 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched SPDT RF Switch 20 - 1500 MHz

SW-162PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-162PIN Datasheet PDF - Tyco Electronics

Part # SW-162PIN
Download  SW-162PIN Click to download

File Size   83.25 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched SPDT RF Switch 20 - 1500 MHz

SW-162PIN Datasheet (HTML) - Tyco Electronics


SW-162PIN Product details

Features
● Internally Terminated
● Integral TTL Driver
● Low Loss - 0.8 dB Typical




Similar Part No. - SW-162PIN

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SW-162-2 SHINMEI-SW-162-2 Datasheet
790Kb / 2P
Lever-type Detector Switches
logo
Tyco Electronics
SW-162-PIN MACOM-SW-162-PIN Datasheet
137Kb / 3P
Matched SPDT RF Switch, 20-1500MHz
logo
M/A-COM Technology Solu...
SW-162-PIN MA-COM-SW-162-PIN Datasheet
54Kb / 3P
Matched SPDT RF Switch, 20 - 1500 MHz
More results


Similar Description - SW-162PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
SPDT RF Switch 20 - 2000 MHz
SW-164 MACOM-SW-164 Datasheet
101Kb / 1P
Matched SP4T RF Switch 20 - 1500 MHz
SW-112-PIN MACOM-SW-112-PIN Datasheet
135Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-162-PIN MACOM-SW-162-PIN Datasheet
137Kb / 3P
Matched SPDT RF Switch, 20-1500MHz
SW-163-PIN MACOM-SW-163-PIN Datasheet
138Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MACOM-SW-164-PIN Datasheet
138Kb / 3P
Matched SP4T RF Switch, 20 - 1500 MHz
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-162-PIN MA-COM-SW-162-PIN Datasheet
54Kb / 3P
Matched SPDT RF Switch, 20 - 1500 MHz
SW-163-PIN MA-COM-SW-163-PIN Datasheet
55Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MA-COM-SW-164-PIN Datasheet
55Kb / 3P
Matched SP4T RF Switch, 20-1500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com