Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-162PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-162PIN
Description  Matched SPDT RF Switch 20 - 1500 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-162PIN Datasheet(HTML) 1 Page - Tyco Electronics

  SW-162PIN Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Matched SPDT RF Switch
20 - 1500 MHz
SW-162
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Internally Terminated
Integral TTL Driver
Low Loss - 0.8 dB Typical
0.300
(7.6)
0.50
(12.7
0.5)
0.13
(3.3 0.5)
0.10
(2.5
0.5)
0.200
(5.1) MAX
0.120
(3.0) MIN
0.100
(2.5) TYP
0.018
±0.005
(0.46
±0.13) DIA.
14 PINS
0.87
(22.1
0.5)
CTL
RF IN
–
+
RF2
RF1
q
q
q
DI-1
Typical Performance
Guaranteed Specifications*
Operating Characteristics
Ordering Information
Model No.
Package
SW-162 PIN
Dual Inline
Truth Table
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.): 0.14 OUNCES 4 GRAMS
*All specifications apply when operated with bias voltages of +12 VDC
and -5 VDC (±5%) and 50 ohm impedance at all RF ports.
MIL-STD-883 screening available.


Similar Part No. - SW-162PIN

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SW-162-2 SHINMEI-SW-162-2 Datasheet
790Kb / 2P
Lever-type Detector Switches
logo
Tyco Electronics
SW-162-PIN MACOM-SW-162-PIN Datasheet
137Kb / 3P
Matched SPDT RF Switch, 20-1500MHz
logo
M/A-COM Technology Solu...
SW-162-PIN MA-COM-SW-162-PIN Datasheet
54Kb / 3P
Matched SPDT RF Switch, 20 - 1500 MHz
More results

Similar Description - SW-162PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
SPDT RF Switch 20 - 2000 MHz
SW-164 MACOM-SW-164 Datasheet
101Kb / 1P
Matched SP4T RF Switch 20 - 1500 MHz
SW-112-PIN MACOM-SW-112-PIN Datasheet
135Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-162-PIN MACOM-SW-162-PIN Datasheet
137Kb / 3P
Matched SPDT RF Switch, 20-1500MHz
SW-163-PIN MACOM-SW-163-PIN Datasheet
138Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MACOM-SW-164-PIN Datasheet
138Kb / 3P
Matched SP4T RF Switch, 20 - 1500 MHz
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-162-PIN MA-COM-SW-162-PIN Datasheet
54Kb / 3P
Matched SPDT RF Switch, 20 - 1500 MHz
SW-163-PIN MA-COM-SW-163-PIN Datasheet
55Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MA-COM-SW-164-PIN Datasheet
55Kb / 3P
Matched SP4T RF Switch, 20-1500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com