Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH4009 Datasheet (PDF) - ON Semiconductor

MCH4009 Datasheet PDF - ON Semiconductor
Part # MCH4009
Download  MCH4009 Download
File Size   372.93 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4

MCH4009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH4009 Datasheet PDF - ON Semiconductor

Part # MCH4009
Download  MCH4009 Click to download

File Size   372.93 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4

MCH4009 Datasheet (HTML) - ON Semiconductor


MCH4009 Product details

RF Transistor
3.5V, 40mA, fT=25GHz, NPN Single MCPH4

Features
• Low-noise use : NF=1.1dB typ (f=2GHz)
• High cut-off frequency : fT=25GHz typ (VCE=3V)
• Low operating voltage
• High gain : |S21e|2=17dB typ (f=2GHz)
• Halogen free compliance




Similar Part No. - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
476Kb / 15P
UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
UHF to X Band Low-Noise Amplifier and OSC Applications
More results


Similar Description - MCH4009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
logo
Central Semiconductor C...
CP317X-2N2857 CENTRAL-CP317X-2N2857 Datasheet
420Kb / 4P
NPN - RF Transistor Die 40mA, 15 Volt
R0 8-May 2018
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com