Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1685G Datasheet (PDF) - ON Semiconductor

2SD1685G Datasheet PDF - ON Semiconductor
Part # 2SD1685G
Download  2SD1685G Download
File Size   273.68 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML

2SD1685G Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1685G Datasheet PDF - ON Semiconductor

Part # 2SD1685G
Download  2SD1685G Click to download

File Size   273.68 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML

2SD1685G Datasheet (HTML) - ON Semiconductor


2SD1685G Product details

Features
• Low saturation voltage
• Large current capacity
• Fast switching time
• No insulator required when mounting because the leadframe of the chip is covered with plastic

Applications
• Strobe, voltage regulators, relay drivers, lamp drivers




Similar Part No. - 2SD1685G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1685 SANYO-2SD1685 Datasheet
90Kb / 3P
High-Current Switching Applications
More results


Similar Description - 2SD1685G

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD2118J HSMC-HSD2118J Datasheet
55Kb / 5P
LOW VCE(sat) TRANSISTOR (20V, 5A)
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
2SD1628F-TD-E ONSEMI-2SD1628F-TD-E Datasheet
324Kb / 6P
Bipolar Transistor20V, 5A, Low VCE(sat), NPN Single PCP
September, 2013
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
2SB1143 ONSEMI-2SB1143 Datasheet
320Kb / 7P
Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
2SB1302 ONSEMI-2SB1302 Datasheet
281Kb / 5P
Bipolar Transisitor -20V, -5A, Low VCE(sat) PNP Single PCP
November, 2013
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com