Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX101 Datasheet (PDF) - Maxim Integrated Products

MAX101 Datasheet PDF - Maxim Integrated Products
Part # MAX101
Download  MAX101 Download
File Size   116.7 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500Msps, 8-Bit ADC with Track/Hold

MAX101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX101 Datasheet PDF - Maxim Integrated Products

Part # MAX101
Download  MAX101 Click to download

File Size   116.7 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500Msps, 8-Bit ADC with Track/Hold

MAX101 Datasheet (HTML) - Maxim Integrated Products


MAX101 Product details

General Description
The MAX101A ECL-compatible, 500Msps, 8-bit analog-to-digital converter (ADC) allows accurate digitizing of analog signals from DC to 250MHz (Nyquist frequency). Dual monolithic converters, driven by the track/hold (T/H), operate on opposite clock edges (time interleaved). Designed with Maxim’s proprietary advanced bipolar processes, the MAX101A contains a high-performance T/H amplifier and two quantizers in an 84-pin ceramic flat pack.

Features
♦ 500Msps Conversion Rate
♦ 7.0 Effective Bits Typical at 250MHz
♦ 1.2GHz Analog Input Bandwidth
♦ Less than ±1/2LSB INL
♦ 50Ω Differential or Single-Ended Inputs
♦ ±250mV Input Signal Range
♦ Ratiometric Reference Inputs
♦ Dual Latched Output Data Paths
♦ Low Error Rate, Less than 10-15 Metastable States
♦ 84-Pin Ceramic Flat Pack

Applications
    High-Speed Digital Instrumentation
    High-Speed Signal Processing
    Medical Systems
    Radar/Signal Processing
    High-Energy Physics
    Communications




Similar Part No. - MAX101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101 MAXIM-MAX101 Datasheet
198Kb / 16P
On-Board Reference Generator/Buffer
Rev 1; 7/96
MAX1011 MAXIM-MAX1011 Datasheet
111Kb / 12P
Low-Power, 90Msps, 6-Bit ADC
19-1335; Rev 0a; 2/98
MAX1011 MAXIM-MAX1011 Datasheet
84Kb / 8P
Square-Pin Header for Easy Connection of Logic Analyzer to Digital Outputs
Rev 0a; 2/98
MAX1011CEG MAXIM-MAX1011CEG Datasheet
111Kb / 12P
Low-Power, 90Msps, 6-Bit ADC
19-1335; Rev 0a; 2/98
More results


Similar Description - MAX101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575 AD-AD7575 Datasheet
146Kb / 12P
LC2MOS 5 us 8-Bit ADC with Track/Hold
REV.B
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MX7821 MAXIM-MX7821 Datasheet
236Kb / 8P
660ns 關P-Compatible, 8-Bit ADC with Track/Hold
19-4330; Rev 1; 7/95
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
5 s 8-Bit ADC with Track/Hold
REV. B
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
8-Bit ADC with Track/Hold
23-Feb-2017
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
8-Bit ADC with Track/Hold Function
23-Feb-2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com