Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1171 Datasheet (PDF) - Maxim Integrated Products

MAX1171 Datasheet PDF - Maxim Integrated Products
Part # MAX1171
Download  MAX1171 Download
File Size   87.29 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 20Msps, TTL-Output ADC

MAX1171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1171 Datasheet PDF - Maxim Integrated Products

Part # MAX1171
Download  MAX1171 Click to download

File Size   87.29 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 20Msps, TTL-Output ADC

MAX1171 Datasheet (HTML) - Maxim Integrated Products


MAX1171 Product details

General Description
The MAX1171 analog-to-digital converter (ADC) is a 12-bit monolithic ADC capable of sample rates greater than 20Msps. An on-board input buffer and track/hold function ensure excellent dynamic performance without the need for external components. A 5pF input capacitance minimizes development problems.

Features
♦ Monolithic, 12-Bit, 20Msps Converter
♦ On-Chip Track/Hold
♦ ±2.0V Analog Input Range
♦ 66dB SNR at 1MHz Input
♦ Low Power: 1.1W
♦ 5pF Input Capacitance
♦ TTL-Compatible Outputs

Applications
    Radar Receivers
    Professional Video
    Instrumentation
    Imaging
    Digital Communications
    Digital Spectrum Analyzers
   




Similar Part No. - MAX1171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
More results


Similar Description - MAX1171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com